Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7733 Datasheet(PDF) 883 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 883 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 879Page - Renesas Technology Corp 7733 Datasheet HTML 880Page - Renesas Technology Corp 7733 Datasheet HTML 881Page - Renesas Technology Corp 7733 Datasheet HTML 882Page - Renesas Technology Corp 7733 Datasheet HTML 883Page - Renesas Technology Corp 7733 Datasheet HTML 884Page - Renesas Technology Corp 7733 Datasheet HTML 885Page - Renesas Technology Corp 7733 Datasheet HTML 886Page - Renesas Technology Corp 7733 Datasheet HTML 887Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 883 / 940 page
background image
17–3
APPLICATIONS
7736 Group User’s Manual
17.4 Power saving
17.4 Power saving
Power saving examples (in other words, examples to save power consumption) with the stop or wait mode
used in external bus mode A are described below. The following examples differ from examples in external
bus mode B only in external bus pins allocated to ports P0 to P3. Therefore, for power saving in external
bus mode B, refer to this section.
17.4.1 Power saving example with stop mode used
In this example, power saving is realized by using the stop mode. The stop mode is terminated by using
the key input interrupt function.
(1) Specifications
Œ The microcomputer operates in the single-chip mode.
 Pins P100 to P103 are used as output pins for the key matrix scanning.
Input pins (KI0 to KI3) for the key input interrupt function are used as key input pins.
Pins KI0 to KI3 are pulled high by using the pull-up function.
Ž The initial output levels of pins P100 to P103 are “L.”
 When a key input interrupt request occurs owing to a key push, the key data is read-in. (This
reading is surely performed independent of power saving.)
 In the stop mode, interrupts other than a key input interrupt are disabled.
‘ An external clock is used as the main clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com