Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7733 Datasheet(PDF) 884 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 884 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 880Page - Renesas Technology Corp 7733 Datasheet HTML 881Page - Renesas Technology Corp 7733 Datasheet HTML 882Page - Renesas Technology Corp 7733 Datasheet HTML 883Page - Renesas Technology Corp 7733 Datasheet HTML 884Page - Renesas Technology Corp 7733 Datasheet HTML 885Page - Renesas Technology Corp 7733 Datasheet HTML 886Page - Renesas Technology Corp 7733 Datasheet HTML 887Page - Renesas Technology Corp 7733 Datasheet HTML 888Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 884 / 940 page
background image
17–4
APPLICATIONS
7736 Group User’s Manual
17.4 Power saving
(2) Initial settings for related registers
Fig. 17.4.1 Initial settings for related registers
Pins KI0 to KI3 are pulled high.
Port P10 direction register (address 1816)
Pins P100 to P103: Output mode
b7
b0
00
0
Pins P104 to P107 (KI0 to KI3): Input mode
01 1
1 1
X: It may be “0” or “1.”
Pins P100 to P103’s output (scan output) level: “L”
b7
b0
Port P10 register (address 1616)
0000
Key input interrupt function is selected.
Must be fixed to “0.”
b7
b0
Port function control register (address 6D16)
11
0
Interrupt disable flag (I)
b7
b0
INT2
/Key input interrupt control register (address 7F16)
0
00
Interrupt priority level is set. (Note that a value other than “0002” is set.)
Interrupt request bit: 0 (Initialized)
Must be fixed to “0.”
“0”: Interrupt is enabled.
Must be fixed to “0.”
An external clock is selected as the main clock.
Watchdog timer is not used when the stop mode is terminated.
Oscillation circuit control register 1 (address 6F16) (Note)
b7
b0
X
0
1
0
Pin P64/INT2 is not used for the key input interrupt.
Note: When writing a value to this register, write a value of “5516” by using the LDM instruction,
and then write a value of “0A16.” (Refer to Figure 11.2.4.)
X
X
X
X
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com