Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7733 Datasheet(PDF) 889 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 889 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 885Page - Renesas Technology Corp 7733 Datasheet HTML 886Page - Renesas Technology Corp 7733 Datasheet HTML 887Page - Renesas Technology Corp 7733 Datasheet HTML 888Page - Renesas Technology Corp 7733 Datasheet HTML 889Page - Renesas Technology Corp 7733 Datasheet HTML 890Page - Renesas Technology Corp 7733 Datasheet HTML 891Page - Renesas Technology Corp 7733 Datasheet HTML 892Page - Renesas Technology Corp 7733 Datasheet HTML 893Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 889 / 940 page
background image
17–9
APPLICATIONS
7736 Group User’s Manual
(2) Initial settings for related registers
Fig. 17.4.4 Initial settings for related registers
X: It may be “0” or “1.”
b7
b0
Timer B2 interrupt control register (address 7C16)
Interrupt priority level is set. (Note that a value other than “0002” is set.)
0
Interrupt request bit: 0 (Initialized)
Interrupt disable flag (I)
“0”: Interrupt is enabled.
b7
b0
INT0
interrupt control register (address 7D16)
Interrupt priority level is set. (Note that a value other than “0002” is set.)
0
Interrupt request bit: 0 (Initialized)
0
0
An interrupt request occurs at the falling edge.
Interval of the clock timer’s interrupt request
occurrence: 1 second
b15
b8
Timer B2 register (addresses 5516 and 5416)
0316
b7
b0
FF16
Settings for the clock timer.
b7
b0
Timer B2 mode register (address 5D16)
X
0
101
The sub-clock oscillation circuit: oscillating
(Timer B2 functions as the clock timer.)
b7
b0
Oscillation circuit control register 0 (address 6C16)
1
In the wait mode, clocks
2
to
512
are stopped.
1
X
XX
An external clock is selected as the main clock.
Watchdog timer is not used when the stop mode is terminated.
b7
b0
Oscillation circuit control register 1 (address 6F16)
0
XX 1 1
An external clock is selected as the sub clock and P76 functions as a port.
Watchdog timer is not used when the stop mode is terminated.
Must be fixed to “0.”
Note: When writing a value to this register, write a value of “5516” by using the LDM instruction,
and then write a value of “0A16.” (Refer to Figure 11.2.4.)
17.4 Power saving



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com