Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7733 Datasheet(PDF) 891 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 891 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 887Page - Renesas Technology Corp 7733 Datasheet HTML 888Page - Renesas Technology Corp 7733 Datasheet HTML 889Page - Renesas Technology Corp 7733 Datasheet HTML 890Page - Renesas Technology Corp 7733 Datasheet HTML 891Page - Renesas Technology Corp 7733 Datasheet HTML 892Page - Renesas Technology Corp 7733 Datasheet HTML 893Page - Renesas Technology Corp 7733 Datasheet HTML 894Page - Renesas Technology Corp 7733 Datasheet HTML 895Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 891 / 940 page
background image
17–11
APPLICATIONS
7736 Group User’s Manual
Fig. 17.4.6 Approximate flowchart (2)
Notes 1: When pin VREF and resistor ladder network are connected, current flows into the resistor
ladder network.
When using the A-D converter after the wait mode is terminated, do as follows:
qReconnect pin VREF and resistor ladder network.
wAnd then, start A-D conversion after a period of 1 s or more passed.
2: When a port is connected to an external device and so on, there is a possibility that current
consumption increases according to the port’s level.
In order to avoid this problem, do as follows:
•When output mode is selected: Fix the port’s level to a level where no current flows into
the external.
•When input mode is selected: Pull the port high or low via a resistor. (Floating state is
disabled.)
3: Do not switch the system clock until oscillation of a clock which is input from the external
is stabilized.
Timer B2 interrupt routine
Register save processing
Clock count
Register return processing
RTI
INT0
interrupt routine
Register save processing
[F_WIT]
“0”
Register return processing
RTI
[F_WIT]: Flag used to determine whether an INT0 interrupt request
has occurred or not
17.4 Power saving



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com