| Electronic Components Datasheet Search |
|
4513 Datasheet(PDF) 38 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
4513 Datasheet(HTML) 38 Page - Renesas Technology Corp |
|
38 / 210 page ![]() 4513/4514 Group User’s Manual HARDWARE 1-25 FUNCTION BLOCK OPERATIONS (7) Interrupt sequence Interrupts only occur when the respective INTE flag, interrupt en- able bits (V10–V13 and V20–V23), and interrupt request flag are “1.” The interrupt actually occurs 2 to 3 machine cycles after the cycle in which all three conditions are satisfied. The interrupt oc- curs after 3 machine cycles only when the three interrupt condi- tions are satisfied on execution of other than one-cycle instructions (Refer to Figure 16). Fig. 16 Interrupt sequence T1 T2 T3 T1 T2 T3 T1 T2 T3 System clock T1 T2 T3 EXF0, EXF1 T1F, T2F, T3F, T4F, ADF,SIOF INT0, INT1 T1 T2 T3 2 to 3 machine cycles (Notes 2, 3) The program starts from the interrupt address. Flag cleared Interrupt enabled state When an interrupt request flag is set after its interrupt is enabled (Note 1) 1 machine cycle EI instruction execution cycle Interrupt enable flag (INTE) Retaining level of system clock for 4 periods or more is necessary. Interrupt disabled state External interrupt Timer 1, Timer 2, Timer 3, Timer 4, A-D, and Serial I/O interrupts Interrupt activated condition is satisfied. 2: The address is stacked to the last cycle. 3: This interval of cycles depends on the executed instruction at the time when each interrupt activated condition is satisfied. Notes 1: The 4513/4514 Group operates in the middle-speed mode after system is released from reset. f (XIN) (middle-speed mode) f (XIN) (high-speed mode) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |