Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4513 Datasheet(PDF) 90 Page - Renesas Technology Corp

Part # 4513
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4513 Datasheet(HTML) 90 Page - Renesas Technology Corp

Back Button 4513 Datasheet HTML 86Page - Renesas Technology Corp 4513 Datasheet HTML 87Page - Renesas Technology Corp 4513 Datasheet HTML 88Page - Renesas Technology Corp 4513 Datasheet HTML 89Page - Renesas Technology Corp 4513 Datasheet HTML 90Page - Renesas Technology Corp 4513 Datasheet HTML 91Page - Renesas Technology Corp 4513 Datasheet HTML 92Page - Renesas Technology Corp 4513 Datasheet HTML 93Page - Renesas Technology Corp 4513 Datasheet HTML 94Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 210 page
background image
Skip condition
Datailed description
4513/4514 Group User’s Manual
HARDWARE
1-77
MACHINE INSTRUCTIONS
When bit 2 (I12) of register I1 is “1” : Skips the next instruction when the level of INT0 pin is “H.”
When bit 2 (I12) of register I1 is “0” : Skips the next instruction when the level of INT0 pin is “L.”
When bit 2 (I22) of register I2 is “1” : Skips the next instruction when the level of INT1 pin is “H.”
When bit 2 (I22) of register I2 is “0” : Skips the next instruction when the level of INT1 pin is “L.”
Transfers the contents of interrupt control register V1 to register A.
Transfers the contents of register A to interrupt control register V1.
Transfers the contents of interrupt control register V2 to register A.
Transfers the contents of register A to interrupt control register V2.
Transfers the contents of interrupt control register I1 to register A.
Transfers the contents of register A to interrupt control register I1.
Transfers the contents of interrupt control register I2 to register A.
Transfers the contents of register A to interrupt control register I2.
Transfers the contents of timer control register W1 to register A.
Transfers the contents of register A to timer control register W1.
Transfers the contents of timer control register W2 to register A.
Transfers the contents of register A to timer control register W2.
Transfers the contents of timer control register W3 to register A.
Transfers the contents of register A to timer control register W3.
Transfers the contents of timer control register W4 to register A.
Transfers the contents of register A to timer control register W4.
Transfers the contents of timer control register W6 to register A.
Transfers the contents of register A to timer control register W6.
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
(INT0) = “H”
However, I12 = 1
(INT0) = “L”
However, I12 = 0
(INT1) = “H”
However, I22 = 1
(INT1) = “L”
However, I22 = 0
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com