| Electronic Components Datasheet Search |
|
4513 Datasheet(PDF) 63 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
4513 Datasheet(HTML) 63 Page - Renesas Technology Corp |
|
63 / 210 page ![]() 1-50 HARDWARE 4513/4514 Group User’s Manual FUNCTION BLOCK OPERATIONS (1) Power-on reset Reset can be performed automatically at power on (power-on re- set) by connecting resistors, a diode, and a capacitor to RESET pin. Connect RESET pin and the external circuit at the shortest dis- tance. Fig. 34 Power-on reset circuit example (2) Internal state at reset Table 19 shows port state at reset, and Figure 35 shows inter nal state at reset (they are the same after system is released from re- set). The contents of timers, registers, flags and RAM except shown in Figure 35 are undefined, so set the initial value to them. Table 19 Port state at reset Name D0–D5 D6/CNTR0, D7/CNTR1 P00–P03 P10–P13 P20/SCK, P21/SOUT, P22/SIN P30/INT0, P31/INT1 P32, P33 (Note 4) P40/AIN4–P43/AIN7 (Note 4) P50–P53 (Note 4) Notes 1: Output latch is set to “1.” 2: Pull-up transistor is turned OFF. 3: After system is released from reset, port P5 is in the input mode. (Direction register FR0 = 00002) 4: The 4513 Group does not have these ports. Function D0–D5 D6, D7 P00–P03 P10–P13 P20–P22 P30, P31 P32, P33 P40–P43 P50–P53 State High impedance (Note) High impedance (Notes 1, 2) High impedance High impedance (Note 1) High impedance (Note 1) High impedance (Note 3) VDD RESET pin WEF (Note) Internal reset signal Voltage drop detection circuit Watchdog timer output VDD RESET pin voltage Power-on Reset released Internal reset signal Reset state Note: This symbol represents a parasitic diode. Applied potential to RESET pin must be VDD or less. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |