Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4513 Datasheet(PDF) 41 Page - Renesas Technology Corp

Part # 4513
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4513 Datasheet(HTML) 41 Page - Renesas Technology Corp

Back Button 4513 Datasheet HTML 37Page - Renesas Technology Corp 4513 Datasheet HTML 38Page - Renesas Technology Corp 4513 Datasheet HTML 39Page - Renesas Technology Corp 4513 Datasheet HTML 40Page - Renesas Technology Corp 4513 Datasheet HTML 41Page - Renesas Technology Corp 4513 Datasheet HTML 42Page - Renesas Technology Corp 4513 Datasheet HTML 43Page - Renesas Technology Corp 4513 Datasheet HTML 44Page - Renesas Technology Corp 4513 Datasheet HTML 45Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 210 page
background image
1-28
HARDWARE
4513/4514 Group User’s Manual
FUNCTION BLOCK OPERATIONS
(3) External interrupt control registers
• Interrupt control register I1
Register I1 controls the valid waveform for the external 0 inter-
rupt. Set the contents of this register through register A with the
TI1A instruction. The TAI1 instruction can be used to transfer the
contents of register I1 to register A.
• Interrupt control register I2
Register I2 controls the valid waveform for the external 1 inter-
rupt. Set the contents of this register through register A with the
TI2A instruction. The TAI2 instruction can be used to transfer the
contents of register I2 to register A.
Table 8 External interrupt control registers
I13
I12
I11
I10
I23
I22
I21
I20
Not used
Interrupt valid waveform for INT0 pin/
return level selection bit (Note 2)
INT0 pin edge detection circuit control bit
INT0 pin
timer 1 control enable bit
This bit has no function, but read/write is enabled.
Falling waveform (“L” level of INT1 pin is recognized with the SNZI1
instruction)/“L” level
Rising waveform (“H” level of INT1 pin is recognized with the SNZI1
instruction)/“H” level
One-sided edge detected
Both edges detected
Disabled
Enabled
Not used
Interrupt valid waveform for INT1 pin/
return level selection bit (Note 3)
INT1 pin edge detection circuit control bit
INT1 pin
timer 3 control enable bit
Notes 1: “R” represents read enabled, and “W” represents write enabled.
2: When the contents of I12 is changed, the external interrupt request flag EXF0 may be set. Accordingly, clear EXF0 flag with the SNZ0 instruction.
3: When the contents of I22 is changed, the external interrupt request flag EXF1 may be set. Accordingly, clear EXF1 flag with the SNZ1 instruction.
Interrupt control register I1
R/W
at RAM back-up : state retained
at reset : 00002
This bit has no function, but read/write is enabled.
Falling waveform (“L” level of INT0 pin is recognized with the SNZI0
instruction)/“L” level
Rising waveform (“H” level of INT0 pin is recognized with the SNZI0
instruction)/“H” level
One-sided edge detected
Both edges detected
Disabled
Enabled
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
Interrupt control register I2
R/W
at RAM back-up : state retained
at reset : 00002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com