Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4513 Datasheet(PDF) 57 Page - Renesas Technology Corp

Part # 4513
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4513 Datasheet(HTML) 57 Page - Renesas Technology Corp

Back Button 4513 Datasheet HTML 53Page - Renesas Technology Corp 4513 Datasheet HTML 54Page - Renesas Technology Corp 4513 Datasheet HTML 55Page - Renesas Technology Corp 4513 Datasheet HTML 56Page - Renesas Technology Corp 4513 Datasheet HTML 57Page - Renesas Technology Corp 4513 Datasheet HTML 58Page - Renesas Technology Corp 4513 Datasheet HTML 59Page - Renesas Technology Corp 4513 Datasheet HTML 60Page - Renesas Technology Corp 4513 Datasheet HTML 61Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 210 page
background image
1-44
HARDWARE
4513/4514 Group User’s Manual
FUNCTION BLOCK OPERATIONS
Fig. 28 Setting registers
0
!!
1
(Bit 3)
(Bit 0)
A-D control register Q2
AIN4 function selected
A-D conversion mode
A-D control register Q1
AIN4 pin selected
!
100
(Bit 3)
(Bit 0)
! : Set an arbitrary value
(8) A-D conversion timing chart
Figure 27 shows the A-D conversion timing chart.
Fig. 27 A-D conversion timing chart
(9) How to use A-D conversion
How to use A-D conversion is explained using as example in which
the analog input from P40/AIN4 pin is A-D conver ted, and the high-
order 4 bits of the converted data are stored in address M(Z, X, Y)
= (0, 0, 0), the middle-order 4 bits in address M(Z, X, Y) = (0, 0, 1),
and the low-order 2 bits in address M(Z, X, Y) = (0, 0, 2) of RAM.
The A-D interrupt is not used in this example.
Œ After selecting the AIN4 pin function with the bit 0 of the register
Q2, select AIN4 pin and A-D conversion mode with the register
Q1 (refer to Figure 28).
 Execute the ADST instruction and start A-D conversion.
Ž Examine the state of ADF flag with the SNZAD instruction to de-
termine the end of A-D conversion.
 Transfer the low-order 2 bits of converted data to the high-order
2 bits of register A (TALA instruction).
 Transfer the contents of register A to M (Z, X, Y) = (0, 0, 2).
‘ Transfer the high-order 8 bits of converted data to registers A
and B (TABAD instruction).
’ Transfer the contents of register A to M (Z, X, Y) = (0, 0, 1).
“ Transfer the contents of register B to register A, and then, store
into M(Z, X, Y) = (0, 0, 0).
ADST instruction
A-D conversion
completion flag (ADF)
62 machine cycles
DAC operation signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com