Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4513 Datasheet(PDF) 44 Page - Renesas Technology Corp

Part # 4513
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4513 Datasheet(HTML) 44 Page - Renesas Technology Corp

Back Button 4513 Datasheet HTML 40Page - Renesas Technology Corp 4513 Datasheet HTML 41Page - Renesas Technology Corp 4513 Datasheet HTML 42Page - Renesas Technology Corp 4513 Datasheet HTML 43Page - Renesas Technology Corp 4513 Datasheet HTML 44Page - Renesas Technology Corp 4513 Datasheet HTML 45Page - Renesas Technology Corp 4513 Datasheet HTML 46Page - Renesas Technology Corp 4513 Datasheet HTML 47Page - Renesas Technology Corp 4513 Datasheet HTML 48Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 210 page
background image
4513/4514 Group User’s Manual
HARDWARE
1-31
FUNCTION BLOCK OPERATIONS
Fig. 19 Timers structure
T4F
T3F
10
01
00
W31,W30
0
1
W33(Note 3)
0
1
W43(Note 3)
11
T1F
(T2AB)
T2F
(TAB2)
0
1
W23(Note 3)
0
1
(Note 3)
W11
(TR1AB)
T1AB
T1AB
(TAB1)
(T4AB)
(TAB4)
(TR3AB)
T3AB
T3AB
(TAB3)
Q
R
S
1 - - - - - - - - - - - 15 16
WDF1 WDF2
WEF
10
01
00
W21,W20
11
10
01
00
W41,W40
11
Timer 4
interrupt
Timer 3
interrupt
Not available
WRST instruction
Timer 2 underflow signal
Timer 1 (8)
Timer 1
interrupt
Reload register R1 (8)
Register B Register A
Timer 1 underflow signal
Timer 2 (8)
Reload register R2 (8)
Register B Register A
Timer 3 (8)
Reload register R3 (8)
Register B Register A
Timer 3 underflow signal
Timer 4 (8)
Reload register R4 (8)
Register B Register A
Instruction clock
16-bit timer (WDT)
System reset
Reset signal
Timer 2
interrupt
Data is set automatically from each reload
register when timer 1, 2, 3, or 4 underflows
(auto-reload function)
Notes 1: Timer 1 count start synchronous circuit is set
by the valid edge of P30/INT0 pin selected by
bits 1 (I11) and 2 (I12) of register I1.
2: Timer 3 count start synchronous circuit is set
by the valid edge of P31/INT1 pin selected by
bits 1 (I21) and 2 (I22) of register I2.
3: Count source is stopped by clearing to “0.”
Not available
Not available
Not available
Not available
ORCLK
Q
R
S
W10
1
0
I10
0
1
I11
P30/INT0
1/4
1/16
1
0
W12
1
0
W13
MR3
1
0
XIN
Divistion circuit
(divided by 2)
Instruction clock
Internal clock
generating circuit
(divided by 3)
Prescaler
0
1
I12
One-sided edge
detection circuit
Both edges
detection circuit
Q
R
S
W32
1
0
I20
0
1
I21
P31/INT1
0
1
I22
One-sided edge
detection circuit
Both edges
detection circuit
(Note 1)
(Note 2)
Falling
Rising
Falling
Rising



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com