Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4513 Datasheet(PDF) 206 Page - Renesas Technology Corp

Part # 4513
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4513 Datasheet(HTML) 206 Page - Renesas Technology Corp

Back Button 4513 Datasheet HTML 202Page - Renesas Technology Corp 4513 Datasheet HTML 203Page - Renesas Technology Corp 4513 Datasheet HTML 204Page - Renesas Technology Corp 4513 Datasheet HTML 205Page - Renesas Technology Corp 4513 Datasheet HTML 206Page - Renesas Technology Corp 4513 Datasheet HTML 207Page - Renesas Technology Corp 4513 Datasheet HTML 208Page - Renesas Technology Corp 4513 Datasheet HTML 209Page - Renesas Technology Corp 4513 Datasheet HTML 210Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 206 / 210 page
background image
4513/4514 Group User’s Manual
APPENDIX
3-39
3.7 Package outline
3.7 Package outline
SDIP32-P-400-1.78
Weight(g)
–
2.2
JEDEC Code
EIAJ Package Code
Lead Material
Alloy 42/Cu Alloy
32P4B
Plastic 32pin 400mil SDIP
Symbol
Min
Nom
Max
A
A2
b
b1
b2
c
E
D
L
Dimension in Millimeters
A1
0.51
–
–
–3.8
–
0.35
0.45
0.55
0.9
1.0
1.3
0.63
0.73
1.03
0.22
0.27
0.34
27.8
28.0
28.2
8.75
8.9
9.05
–
1.778
–
–
10.16
–
3.0
–
–
0
°
–15
°
–
–
5.08
e
e1
32
17
16
1
b2
b
b1
e
SEATING PLANE
D
LQFP32-P-77-0.80
Weight(g)
–
JEDEC Code
EIAJ Package Code
Lead Material
Alloy 42
32P6B-A
Plastic 32pin 7!7mm body LQFP
–
0.1
–
––
0.2
–
–
––
–
–
–
–
–
Symbol
Min
Nom
Max
A
A2
b
c
D
E
HE
L
L1
y
b2
Dimension in Millimeters
HD
A1
0.5
–
–
I2
1.0
–
–
MD
7.4
–
–
ME
7.4
10
°
0
°
0.1
1.0
0.7
0.5
0.3
9.2
9.0
8.8
9.2
9.0
8.8
0.8
7.1
7.0
6.9
7.1
7.0
6.9
0.175
0.125
0.105
0.45
0.35
0.3
1.4
0
1.7
e
e
1
8
9
32
25
24
16
17
HD
D
MD
A
F
b
L1
L
y
I2
Recommended Mount Pad
Detail F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com