Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TVP70025IPZP Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # TVP70025IPZP
Description  TRIPLE 10-BIT, 90-MSPS, VIDEO AND GRAPHICS DIGITIZER WITH HORIZONTAL PLL
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TVP70025IPZP Datasheet(HTML) 32 Page - Texas Instruments

Back Button TVP70025IPZP Datasheet HTML 28Page - Texas Instruments TVP70025IPZP Datasheet HTML 29Page - Texas Instruments TVP70025IPZP Datasheet HTML 30Page - Texas Instruments TVP70025IPZP Datasheet HTML 31Page - Texas Instruments TVP70025IPZP Datasheet HTML 32Page - Texas Instruments TVP70025IPZP Datasheet HTML 33Page - Texas Instruments TVP70025IPZP Datasheet HTML 34Page - Texas Instruments TVP70025IPZP Datasheet HTML 35Page - Texas Instruments TVP70025IPZP Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 55 page
background image
Sync Separator Threshold
H-PLL Pre-Coast
H-PLL Post-Coast
TVP70025I
SLES232 – JUNE 2008 ...................................................................................................................................................................................................... www.ti.com
Subaddress
11h
Default (20h)
7
6
5
4
3
2
1
0
Sync Separator Threshold [7:0]
Sync Separator Threshold [7:0]: Sets how many internal clock reference periods the sync separator counts to before toggling high or low.
Sync Separator Threshold [7:0] × (minimum clock period) must be greater than the width of the negative sync pulse. This setting also can
affect the position of the VSOUT (see register 22h).
NOTE: The internal clock reference is typically 6.5 MHz, but a minimum clock period of 133 ns is recommended to allow for clock variation.
40h = Recommended setting for support of most standard formats.
Subaddress
12h
Default (00h)
7
6
5
4
3
2
1
0
Pre-Coast [7:0]
Pre-Coast [7:0]: Sets the number of HSYNC periods that coast becomes active prior to VSYNC leading edge. A minimum setting of 1 is
required to ensure generation of an internal coast signal.
00h = Minimum setting (default)
01h = 1 HSYNC period (recommendation)
FFh = Maximum setting
Subaddress
13h
Default (00h)
7
6
5
4
3
2
1
0
Post-Coast [7:0]
Post-Coast [7:0]: Sets the number of HSYNC periods that coast stays active following VSYNC trailing edge.
Table 10. Recommended H-PLL Pre-Coast and H-PLL Post-Coast Settings
STANDARD
H-PLL PRE_COAST
H-PLL POST-COAST
480i/p with Macrovision
3
03h
576i/p with Macrovision
3
03h
720p
1
0
1080i
1
0
PC Graphics with SOG
1
0
32
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TVP70025I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com