Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TVP70025IPZP Datasheet(PDF) 47 Page - Texas Instruments

Click here to check the latest version.
Part # TVP70025IPZP
Description  TRIPLE 10-BIT, 90-MSPS, VIDEO AND GRAPHICS DIGITIZER WITH HORIZONTAL PLL
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TVP70025IPZP Datasheet(HTML) 47 Page - Texas Instruments

Back Button TVP70025IPZP Datasheet HTML 43Page - Texas Instruments TVP70025IPZP Datasheet HTML 44Page - Texas Instruments TVP70025IPZP Datasheet HTML 45Page - Texas Instruments TVP70025IPZP Datasheet HTML 46Page - Texas Instruments TVP70025IPZP Datasheet HTML 47Page - Texas Instruments TVP70025IPZP Datasheet HTML 48Page - Texas Instruments TVP70025IPZP Datasheet HTML 49Page - Texas Instruments TVP70025IPZP Datasheet HTML 50Page - Texas Instruments TVP70025IPZP Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 55 page
background image
Line Length Tolerance
ADC Reference Setup
Video Bandwidth Control
AVID Start Pixel
TVP70025I
www.ti.com ...................................................................................................................................................................................................... SLES232 – JUNE 2008
Subaddress
3Dh
Default (03h)
7
6
5
4
3
2
1
0
Reserved
Line length tolerance [6:0]
Line length tolerance [6:0]: Controls sensitivity to HSYNC input stability when using either the internal or external clock reference. Increased
line length tolerance settings may be required for input signals having horizontal instability. This setting may affect the precision of the clock
cycles per line counter (see subaddresses 39h–3Ah)
00h = No tolerance (minimum)
03h = 3 line length tolerance (default)
06h = 6 line length tolerance (recommended)
7Fh = 127 line length tolerance (maximum)
Subaddress
3Eh
Default (04h)
7
6
5
4
3
2
1
0
Reserved
Ref bias control [3:0]
Ref bias control [3:0]: Bias current control for ADC reference amplifier.
0h = Minimum setting
4h = Required (default)
Fh = Maximum setting
See bias current control for ADC at subaddress 2Ch.
Subaddress
3Fh
Default (00h)
7
6
5
4
3
2
1
0
Reserved
BW select [3:0]
BW select [3:0]: Selectable low-pass filter settings for controlling the analog video bandwidth. This control affects the analog video bandwidth
of all three ADC channels.
0h = Highest video bandwidth (default)
Fh = Lowest video bandwidth (~90 MHz analog video bandwidth )
NOTE: This filter setting can be used to filter high frequency noise, but the filter lacks the precision for maximum filtering of s video formats.
The lowest bandwidth setting provides a video bandwidth of at least 50 MHz.
Subaddress
40h–41h
Default (012Ch)
Subaddress
7
6
5
4
3
2
1
0
40h
AVID start [7:0]
41h
Reserved
AVID active
AVID start [12:8]
AVID active
0 = AVID out active during VBLK (default)
1 = AVID out inactive during VBLK
AVID start [12:0]: AVID start pixel number, this is an absolute pixel location from the leading edge of HSYNC (start pixel 0). The TVP70025I
updates the AVID start only when the AVID start MSB byte is written to.
AVID start pixel register also controls the position of SAV code. The TVP70025I inserts the SAV code four pixels before the pixel number
specified in the AVID start pixel register.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
47
Product Folder Link(s): TVP70025I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com