Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TVP70025IPZP Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # TVP70025IPZP
Description  TRIPLE 10-BIT, 90-MSPS, VIDEO AND GRAPHICS DIGITIZER WITH HORIZONTAL PLL
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TVP70025IPZP Datasheet(HTML) 23 Page - Texas Instruments

Back Button TVP70025IPZP Datasheet HTML 19Page - Texas Instruments TVP70025IPZP Datasheet HTML 20Page - Texas Instruments TVP70025IPZP Datasheet HTML 21Page - Texas Instruments TVP70025IPZP Datasheet HTML 22Page - Texas Instruments TVP70025IPZP Datasheet HTML 23Page - Texas Instruments TVP70025IPZP Datasheet HTML 24Page - Texas Instruments TVP70025IPZP Datasheet HTML 25Page - Texas Instruments TVP70025IPZP Datasheet HTML 26Page - Texas Instruments TVP70025IPZP Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 55 page
background image
I
2C Host Interface
Reset and I
2C Bus Address Selection
I
2C Operation
TVP70025I
www.ti.com ...................................................................................................................................................................................................... SLES232 – JUNE 2008
Communication with the TVP70025I device is via an I2C host interface. The I2C standard consists of two signals,
serial input/output data (SDA) line and input clock line (SCL), which carry information between the devices
connected to the bus. A third signal (I2CA) is used for slave address selection. Although an I2C system can be
multi-mastered, the TVP70025I can function as a slave device only.
Since SDA and SCL are kept open drain at logic high output level or when the bus is not driven, the user should
connect SDA and SCL to a positive supply voltage via a pullup resistor on the board. SDA is implemented
bidirectional. The slave addresses select, terminal 73 (I2CA), enables the use of two TVP70025I devices tied to
the same I2C bus, as it controls the least significant bit of the I2C device address
Table 5. I2C Host Interface Terminal Description
SIGNAL
TYPE
DESCRIPTION
I2CA
I
Slave address selection
SCL
I
Input clock line
SDA
I/O
Input/output data line
The TVP70025I can respond to two possible chip addresses. The address selection is made at reset by an
externally supplied level on the I2CA pin. The TVP70025I device samples the level of terminal 73 at power up or
at the trailing edge of RESETB and configures the I2C bus address bit A0. The I2CA terminal has an internal
pulldown resistor to pull the terminal low to set a zero.
Table 6. I2C Host Interface Device Addresses
A6
A5
A4
A3
A2
A1
A0 (I2C A)
R/W
HEX
1
0
1
1
1
0
0 (default)
1/0
B9h/B8h
1
0
1
1
1
0
1(1)
1/0
BBh/BAh
(1)
If terminal 73 is strapped to IOVDD via a 2.2-k
Ω resistor, I2C device address A0 is set to 1.
Data transfers occur utilizing the following illustrated formats.
S
10111000
ACK
Subaddress
ACK
Send data
ACK
P
Read from I2C control registers
S
10111000
ACK
Subaddress
ACK
S
10111001
ACK
Receive data
NAK
P
S = I2C bus Start condition
P = I2C bus Stop condition
ACK = Acknowledge generated by the slave
NAK = Acknowledge generated by the master, for multiple byte read master with ACK each byte except last byte
Subaddress = Subaddress byte
Data = Data byte, if more than one byte of DATA is transmitted (read and write), the subaddress pointer is
automatically incremented
I2C bus address = Example shown that I2CA is in default mode; Write (B8h), Read (B9h).
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Link(s): TVP70025I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com