Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TVP70025IPZP Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TVP70025IPZP
Description  TRIPLE 10-BIT, 90-MSPS, VIDEO AND GRAPHICS DIGITIZER WITH HORIZONTAL PLL
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TVP70025IPZP Datasheet(HTML) 8 Page - Texas Instruments

Back Button TVP70025IPZP Datasheet HTML 4Page - Texas Instruments TVP70025IPZP Datasheet HTML 5Page - Texas Instruments TVP70025IPZP Datasheet HTML 6Page - Texas Instruments TVP70025IPZP Datasheet HTML 7Page - Texas Instruments TVP70025IPZP Datasheet HTML 8Page - Texas Instruments TVP70025IPZP Datasheet HTML 9Page - Texas Instruments TVP70025IPZP Datasheet HTML 10Page - Texas Instruments TVP70025IPZP Datasheet HTML 11Page - Texas Instruments TVP70025IPZP Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 55 page
background image
ELECTRICAL CHARACTERISTICS
TVP70025I
SLES232 – JUNE 2008 ...................................................................................................................................................................................................... www.ti.com
IOVDD = 3.3 V, DVDD = 1.8 V, PLL_AVDD = 1.8 V, AVDD = 1.8 V, A33VDD = 3.3 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP(1)
TYP(2)
UNIT
Power Supply
IA33VDD
3.3-V supply current
480p (27 MSPS)
43
43
mA
IIOVDD
3.3-V supply current
480p (27 MSPS)
11
14
mA
IAVDD
1.8-V supply current
480p (27 MSPS)
168
170
mA
IPLL_VDD
1.8-V supply current
480p (27 MSPS)
11
11
mA
IDVDD
1.8-V supply current
480p (27 MSPS)
10
12
mA
PTOT
Total power dissipation, normal mode
480p (27 MSPS)
518
535
mW
IA33VDD
3.3-V supply current
WXGA (85.5MSPS)
70
70
mA
IIOVDD
3.3-V supply current
WXGA (85.5 MSPS)
35
60
mA
IAVDD
1.8-V supply current
WXGA (85.5 MSPS)
195
200
mA
IPLL_VDD
1.8-V supply current
WXGA (85.5 MSPS)
20
20
mA
IDVDD
1.8-V supply current
WXGA (85.5 MSPS)
30
40
mA
PTOT
Total power dissipation, normal mode
WXGA (85.5 MSPS)
787
897
mW
PDOWN
Total power dissipation, power-down mode
15
15
mW
(1)
SMPTE color bar RGB input pattern used.
(2)
Multi-burst input pattern used.
8
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TVP70025I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com