Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TVP70025IPZP Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # TVP70025IPZP
Description  TRIPLE 10-BIT, 90-MSPS, VIDEO AND GRAPHICS DIGITIZER WITH HORIZONTAL PLL
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TVP70025IPZP Datasheet(HTML) 27 Page - Texas Instruments

Back Button TVP70025IPZP Datasheet HTML 23Page - Texas Instruments TVP70025IPZP Datasheet HTML 24Page - Texas Instruments TVP70025IPZP Datasheet HTML 25Page - Texas Instruments TVP70025IPZP Datasheet HTML 26Page - Texas Instruments TVP70025IPZP Datasheet HTML 27Page - Texas Instruments TVP70025IPZP Datasheet HTML 28Page - Texas Instruments TVP70025IPZP Datasheet HTML 29Page - Texas Instruments TVP70025IPZP Datasheet HTML 30Page - Texas Instruments TVP70025IPZP Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 55 page
background image
Register Definitions
Chip Revision
H-PLL Feedback Divider MSBs
H-PLL Feedback Divider LSBs
H-PLL Control
TVP70025I
www.ti.com ...................................................................................................................................................................................................... SLES232 – JUNE 2008
Subaddress
00h
Read Only
7
6
5
4
3
2
1
0
Chip revision [7:0]
Chip revision [7:0]: Chip revision number. The chip revision number is 02h for the TVP70025I.
NOTE:
The TVP70025I has a chip revision number that is unique from the TVP7000 and
TVP7001 devices.
Subaddress
01h
Default (67h)
7
6
5
4
3
2
1
0
PLL divide [11:4]
PLL divide [11:0]: Controls the 12-bit horizontal PLL feedback divider value that determines the number of pixels per line. PLL divide [11:4]
bits should be loaded first whenever a change is required.
Subaddress
02h
Default (20h)
7
6
5
4
3
2
1
0
PLL divide [3:0]
Reserved
PLL divide [11:0]: Controls the 12-bit horizontal PLL feedback divider value that determines the number of pixels per line. PLL divide [11:4]
bits should be loaded first whenever a change is required.
Subaddress
03h
Default (A8h)
7
6
5
4
3
2
1
0
VCO [1:0]
Charge Pump Current [2:0]
Reserved
VCO [1:0]: Selects VCO gain (KVCO) and corresponding output
frequency range.
VCO Gain
VCO Range
Pixel Clock Frequency (PCLK)
(KVCO)
00 =
75
Ultra low
PCLK < 36 MHz
01 =
85
Low
36 MHz
≤ PCLK < 70 MHz
10 =
150
Medium (default)
70 MHz
≤ PCLK ≤ 90 MHz
11 =
Reserved
Reserved
Reserved
Charge Pump Current [2:0]: Selects PLL charge pump current setting. The recommended charge pump current setting (ICP) can be
determined using the following equation.
ICP = 40 × KVCO/(pixels per line)
000 = 0: Small
101 = 5 (default)
111 = 7: Large
NOTE: Also see the PLL and CLAMP Control register at subaddress 0Fh.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Link(s): TVP70025I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com