Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE2141MDREP Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TLE2141MDREP
Description  Excalibur??LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE2141MDREP Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLE2141MDREP Datasheet HTML 3Page - Texas Instruments TLE2141MDREP Datasheet HTML 4Page - Texas Instruments TLE2141MDREP Datasheet HTML 5Page - Texas Instruments TLE2141MDREP Datasheet HTML 6Page - Texas Instruments TLE2141MDREP Datasheet HTML 7Page - Texas Instruments TLE2141MDREP Datasheet HTML 8Page - Texas Instruments TLE2141MDREP Datasheet HTML 9Page - Texas Instruments TLE2141MDREP Datasheet HTML 10Page - Texas Instruments TLE2141MDREP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
7
34830
ELECTRICAL CHARACTERISTICS
ELECTRICAL PERFORMANCE CURVES
Figure 6. Supply Current vs. RFREQ (kΩ)
Figure 7. DC Output Voltage vs. Input Voltage
Figure 8. Supply Current vs. Temperature
Figure 9. No Load Supply Current vs. Supply Voltage
Figure 10. Channel DC Shift vs. Temperature
Figure 11. Sinusoidal Wave Response (External
resistors setting clamp level to 0.5V, VCC= 3V, RFREQ =
108kΩ for 5MHz sine input.)
4
6
8
10
12
14
16
18
20
0
2040
6080
100
120
R FR E Q , BAN DWI D TH S ETTI N G R ES I S TOR ( k )
RFREQ, BANDWIDTH SETTING RESISTOR (kΩ)
0
0.5
1
1.5
2
2.5
3
3.5
4
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
VIN, INPUT VOLTAGE (V)
RFREQ=9kΩ
RFREQ=108kΩ
VIN, INPUT VOLTAGE (V)
0
2
4
6
8
10
12
14
16
18
20
-40
-27.5
-15
-2.5
10
22.5
35
47.5
60
72.5
85
T, TEMPERATURE (°C)
RFREQ = 108kΩ
RFREQ = 9kΩ
T, TEMPERATURE (°C)
0
2
4
6
8
10
12
14
16
18
20
33.5
44.5
55.5
VCC, SUPPLY VOLTAGE (V)
RFREQ = 9kΩ
RFREQ = 108kΩ
VCC, SUPPLY VOLTAGE (V)
0.5
0.503
0.506
0.509
0.512
0.515
0.518
0.521
0.524
0.527
0.53
-40
-27.5
-15
-2.5
10
22.5
35
47.5
60
72.5
85
T, TEMPERATURE (C)
RFREQ = 108kΩ
RFREQ = 9kΩ
T, TEMPERATURE (°C)
Time (80ns/div)
Input
Output
gnd
gnd
Set to 0.5V by key clamp
Set to 1.5V
TIME (80ns/DIV)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com