Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE2141MDREP Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TLE2141MDREP
Description  Excalibur??LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE2141MDREP Datasheet(HTML) 12 Page - Texas Instruments

Back Button TLE2141MDREP Datasheet HTML 8Page - Texas Instruments TLE2141MDREP Datasheet HTML 9Page - Texas Instruments TLE2141MDREP Datasheet HTML 10Page - Texas Instruments TLE2141MDREP Datasheet HTML 11Page - Texas Instruments TLE2141MDREP Datasheet HTML 12Page - Texas Instruments TLE2141MDREP Datasheet HTML 13Page - Texas Instruments TLE2141MDREP Datasheet HTML 14Page - Texas Instruments TLE2141MDREP Datasheet HTML 15Page - Texas Instruments TLE2141MDREP Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
Analog Integrated Circuit Device Data
12
Freescale Semiconductor
34830
FUNCTIONAL DEVICE OPERATION
FUNCTIONAL INTERNAL BLOCK DESCRIPTION
FUNCTIONAL DEVICE OPERATION
INTRODUCTION
The 34830 is a very high performance video buffer
designed for high-definition (HD) video applications. The
device features an innovative adjustable bandwidth circuitry
that allows the user to set the bandwidth of the device
through an external resistor connected to RFREQ. This
feature allows the 34830 to fit in a variety of video
applications giving it the flexibility to reduce power
consumption when full bandwidth is not required. In this way
the 34830 can support all video bandwidths, from standard
definition (SD) to high definition (HD), including the 1080i as
well as 1080p formats.
The 34830 also features an internal input clamp that works
with all sync formats and types of video signals. The clamp
can work in three different modes and allows both AC- and
DC-coupled input signals.
The 34830 is optimized to drive a single standard video
load while maintaining exceptional performance
characteristics. Two video loads can also be supported by the
device with a minimum tradeoff in performance
specifications. The 34830 supports both AC- and DC-
coupled outputs.
The 34830 can be disabled with an ultra-low current
consumption of 0.12μA, by driving the EN input to ground.
The 34830 operates using a single supply from 3V to 5.5V,
and is designed to work in the extended temperature range
from -40°C to 85°C. The device is offered in a small UDFN
package ideal to fit into space-critical applications.
The signal path of the 34830 begins with the input clamp
that DC-restores the input. The signal is then shifted up by a
level shifter which brings it to the appropriate levels required
for the output buffer. The level shifter also provides isolation
between the very sensitive input clamp circuit and the input
stage of the output buffer. The signal is then channeled to the
output buffer which amplifies it with a gain of two and drives
the output loads. Both the level shifter and output buffer
blocks are biased through the bandwidth adjust circuitry
which allows the user to set the bandwidth and quiescent
power consumption according to the application at hand.
INPUT CLAMP
The function of the input clamp is to set the DC level of the
signal at the input. The clamp can be operated in three
modes.
Sync Tip Clamp
The clamp works in this mode for Y,CV, R, G, and B
signals that are AC-coupled to the 34830. In this mode, the
clamp senses the most negative level of the input signal and
clamps it to ground. The clamp circuit does this by injecting
current into the AC-coupling capacitor to make the voltage at
the input rise. The current is disabled once the voltage has
risen to the appropriate level. The clamp circuitry includes a
small (2.0μA) pull-down current to guarantee operation of the
clamp.
Key Clamp
The clamp works in this mode for C, Pb, Pr, U, and V
signals that are AC-coupled to the 34830 while DC bias is set
externally. In this configuration, ensure that the DC bias at the
input is such that the most negative level of the signal never
goes below 50mV, to avoid interference with the clamp. The
DC bias at the input can be set through a resistive voltage
divider after the AC-coupling capacitor (Figure 23). In order to
maximize the input signal swing, it is recommended to set the
input DC bias to 0.5V. This will also maximize the swing at the
output of the 34830.
Transparent Clamp
The clamp works in this mode for all DC-biased signals.
Ensure that the most negative level of the signal is above
50mV from ground. If this requirement is not met, the signal
source and clamp both try to set the level at the input,
resulting in signal distortion. The input clamp becomes
transparent for signals above 50mV and the signal passes
through unaffected.
BIAS CIRCUITRY
The bias circuit sets the operating bias for 34830’s internal
blocks. It includes a bandgap voltage reference, a PTAT
current generator, as well as a constant current generator.
These reference currents and voltages are then distributed to
34830’s internal blocks to set their respective operating
points.
BANDWIDTH ADJUST
The 34830 features a bandwidth adjust circuit that sets the
bandwidth of the channel by adjusting quiescent supply
current. It consists of a PTAT current generator whose
current varies with the value of an external resistor (RFREQ).
This PTAT current is used to set the operating bias for the
level shifter and output buffer blocks. Increasing the external
resistor (RFREQ) lowers the bias current, and hence reduces
both supply current and bandwidth. Decreasing the value of
RFREQ increases both supply current and bandwidth. Select
a value for RFREQ in the range between 9kΩ and 108kΩ, to
set the bandwidth between the upper and lower limits. Refer
to Figure 5.
LEVEL-SHIFTER
After passing through the input clamp, which restores its
DC level to a known value, the signal is level-shifted up by
250mV. The level-shifting operation is done for two reasons.
The first is to isolate the input of the output buffer from the
sensitive clamp circuitry to prevent distortion. In this sense,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com