Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE2141MDREP Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # TLE2141MDREP
Description  Excalibur??LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE2141MDREP Datasheet(HTML) 15 Page - Texas Instruments

Back Button TLE2141MDREP Datasheet HTML 11Page - Texas Instruments TLE2141MDREP Datasheet HTML 12Page - Texas Instruments TLE2141MDREP Datasheet HTML 13Page - Texas Instruments TLE2141MDREP Datasheet HTML 14Page - Texas Instruments TLE2141MDREP Datasheet HTML 15Page - Texas Instruments TLE2141MDREP Datasheet HTML 16Page - Texas Instruments TLE2141MDREP Datasheet HTML 17Page - Texas Instruments TLE2141MDREP Datasheet HTML 18Page - Texas Instruments TLE2141MDREP Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
15
34830
TYPICAL APPLICATIONS
FUNCTIONAL INTERNAL BLOCK DESCRIPTION
TYPICAL APPLICATIONS
Figure 24. Composite Video Signal
Figure 25. S-Video Application
Figure 26. Component Video Application
0.1
μF
0.1
μF
CVIN
VCC
AC coupling
capacitor
75
Ω
75
Ω
Video Cable
CVOUT
EN
IN
GND
RFREQ
OUT
EN
VCC
34830
100pF
4.7
Ω
0.1
μF
0.1
μF
YIN
VCC
AC coupling
capacitor
75
Ω
75
Ω
Video Cable
YOUT
0.1
μF
0.1
μF
CIN
VCC
AC coupling
capacitor
75
Ω
75
Ω
Video Cable
COUT
EN
EN
IN GND
RFREQ
OUT
EN
VCC
34830
IN
GND
RFREQ
OUT
EN
VCC
34830
100pF
100pF
Rc2
Rc1
4.7
Ω
4.7
Ω
IN GND
RFREQ
OUT
EN
VCC
34830
0.1
μF
0.1
μF
YIN/GIN
VCC
AC coupling
capacitor
75
Ω
75
Ω
Video Cable
YOUT/GOUT
0.1
μF
0.1
μF
PbIN/BIN
VCC
AC coupling
capacitor
75
Ω
75
Ω
Video Cable
PbOUT/BOUT
EN
EN
IN GND
RFREQ
OUT
EN
VCC
34830
0.1
μF
0.1
μF
PrIN/RIN
VCC
AC coupling
capacitor
75
Ω
75
Ω
Video Cable
PrOUT/ROUT
EN
IN GND
RFREQ
OUT
EN
VCC
34830
100pF
100pF
100pF
Rc2
Rc1
Rc2
Rc1
PbIN only
PrIN only
4.7
Ω
4.7
Ω
4.7
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com