Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE2141MDREP Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TLE2141MDREP
Description  Excalibur??LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE2141MDREP Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLE2141MDREP Datasheet HTML 6Page - Texas Instruments TLE2141MDREP Datasheet HTML 7Page - Texas Instruments TLE2141MDREP Datasheet HTML 8Page - Texas Instruments TLE2141MDREP Datasheet HTML 9Page - Texas Instruments TLE2141MDREP Datasheet HTML 10Page - Texas Instruments TLE2141MDREP Datasheet HTML 11Page - Texas Instruments TLE2141MDREP Datasheet HTML 12Page - Texas Instruments TLE2141MDREP Datasheet HTML 13Page - Texas Instruments TLE2141MDREP Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
Analog Integrated Circuit Device Data
10
Freescale Semiconductor
34830
FUNCTIONAL DESCRIPTION
FUNCTIONAL PIN DESCRIPTION
FUNCTIONAL DESCRIPTION
FUNCTIONAL PIN DESCRIPTION
VCC
VCC is the power input terminal for the IC. A 0.1
μF bypass
capacitor in series with a 4.7Ω resistor to ground should be
connected as close as possible to this pin to provide noise
immunity.
IN
IN is the video signal input terminal.
GND
GND is the ground terminal for the IC.
RFREQ
The operating bandwidth of the IC is set by the value of the
resistor between this terminal and ground. By selecting a
value for the RFREQ resistor between 9.0k
Ω and 108kΩ,the
bandwidth can be set for video applications ranging from
1080p to 480i.
OUT
OUT is the video signal output terminal.
EN
EN is a logic level enable input for the IC. EN = 1 turns the
IC on, and EN = 0 turns it off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com