Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE2141MDREP Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TLE2141MDREP
Description  Excalibur??LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE2141MDREP Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLE2141MDREP Datasheet HTML 9Page - Texas Instruments TLE2141MDREP Datasheet HTML 10Page - Texas Instruments TLE2141MDREP Datasheet HTML 11Page - Texas Instruments TLE2141MDREP Datasheet HTML 12Page - Texas Instruments TLE2141MDREP Datasheet HTML 13Page - Texas Instruments TLE2141MDREP Datasheet HTML 14Page - Texas Instruments TLE2141MDREP Datasheet HTML 15Page - Texas Instruments TLE2141MDREP Datasheet HTML 16Page - Texas Instruments TLE2141MDREP Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
13
34830
FUNCTIONAL DEVICE OPERATION
FUNCTIONAL INTERNAL BLOCK DESCRIPTION
the level-shifter acts simply as a buffer of gain one. The
second reason, is to bring the input signal into the proper
operating range of the output buffer. Shifting the signal up
allows the output buffer to work in its sweet spot. This also
prevents the output devices of the output buffer from going
into saturation.
Since the level-shifter needs to pass the signal without
affecting it, it really is a high-speed amplifier. The current that
biases this block comes from the bandwidth adjust section,
which allows for the power consumption to be decreased if
lower bandwidths are required. Refer to Figure 6.
OUTPUT BUFFER
The output buffer is a high-speed (800MHz open-loop
bandwidth), operational amplifier used in a non-inverting gain
of two configuration through resistive feedback. The amplifier
uses a class AB topology with a rail-to-rail output that
incorporates saturation protection as well as current-limiting.
In this way the 34830 is protected against excessive loads or
short-circuit conditions to both supply and ground and will
resume its normal operation as soon as the short-circuit or
overload condition is removed.
The output buffer also uses PTAT current biasing that
varies with RFREQ. By increasing RFREQ, the buffer
bandwidth can be decreased, resulting in power consumption
savings.
The output buffer has been optimized to drive a standard
video load (150Ω) with up to 5pF of load capacitance, while
meeting all of the specifications listed in the electrical
characteristics table. The output buffer can also support two
standard video loads with a slight relaxation in the
specifications.
SHUTDOWN
The 34830 features an enable input (EN) that allows the
device to be placed in a low-supply-current shutdown state
when not required to pass a video signal. Driving EN high
puts the 34830 in its active mode. Driving EN low puts the
34830 in shutdown. In shutdown, the device has a supply
current of 120nA and its output becomes high impedance.
The shutdown feature makes the 34830 ideal for portable
applications where power consumption is critical.
SETTING KEY CLAMP BIAS
For C, Pb, Pr, U, and V signals, use a resistor divider to set
the DC bias (VCLAMP) at the input of the 34830, as shown in
Figure 23. In this configuration.
Ensure that VCLAMP is set to a value such that the most
negative value of the signal at the input to the 34830 is above
50mV. This prevents the internal clamp from turning on. To
maximize signal swing, set VCLAMP = 0.5V. The general
procedure for selecting the resistor values for RC1 and RC2,
is to first select a value for VCLAMP and RC1, and then solve
for RC2 using the formula:
The values selected for RC1 should not be too small, The
bias current that flows through the resistor divider network
comes directly from VCC, and hence adds to power
consumption. A typical value for RC1 is 10kΩ.
The general relationship between input and output voltage
of the channel is given by the formula:
Where the 250mV term is the offset provided by the
internal level shifter. The 100mV term that is added to the
equation represents the worst case errors and offsets that
can be expected from the signal path, due to process and
temperature variations. The DC bias at the output is given by
the same formula substituting VCLAMP for VIN. Thus the DC
bias at the output for VCLAMP = 0.5V is around 1.5V.
Figure 23. Key Clamp DC Bias Configuration
SETTING BANDWIDTH
The bandwidth of the 34830 is set through an external
resistor connected from input RFREQ to ground. Increasing
the value of the resistor causes the quiescent current of the
device to decrease, which in turn decreases its bandwidth.
Decreasing the value of RFERQ has the opposite effect,
mainly to increase quiescent supply current and thus
bandwidth. Select the value of RFREQ in the range between
9kΩ and 108kΩ. Refer to Figure 5 for a relationship between
the value of RFREQ and the corresponding bandwidth of the
34830. To ensure that the channel bandwidth is greater than
the one needed for the application, after taking into account
process and temperature variation, multiply the value of
RFREQ obtained from the graph by 0.6. Use this number as
the value of the external resistor.
It is recommended to place a small capacitor (100pF) in
parallel with the external resistor at RFREQ. This capacitor
helps to filter any noise or signal that couples into the RFREQ
input, which may disturb the bias conditions of the device.
VCLAMP
RC1 VCC
×
RC1 RC2
+
---------------------------
=
RC2
RC1 VCC VCLAMP
–
()
×
VCLAMP
--------------------------------------------------------------------
=
VOUT 2VIN 250mV
+
()
×
100mV
±
=
MC34830
IN
AC coupling
capacitor
VCC
RC2
VCLAMP
RC1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com