Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE2141MDREP Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TLE2141MDREP
Description  Excalibur??LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE2141MDREP Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLE2141MDREP Datasheet HTML 7Page - Texas Instruments TLE2141MDREP Datasheet HTML 8Page - Texas Instruments TLE2141MDREP Datasheet HTML 9Page - Texas Instruments TLE2141MDREP Datasheet HTML 10Page - Texas Instruments TLE2141MDREP Datasheet HTML 11Page - Texas Instruments TLE2141MDREP Datasheet HTML 12Page - Texas Instruments TLE2141MDREP Datasheet HTML 13Page - Texas Instruments TLE2141MDREP Datasheet HTML 14Page - Texas Instruments TLE2141MDREP Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
11
34830
FUNCTIONAL DESCRIPTION
FUNCTIONAL INTERNAL BLOCK DESCRIPTION
FUNCTIONAL INTERNAL BLOCK DESCRIPTION
Figure 22. Functional Internal Block Diagram
SIGNAL PATH/SIGNAL CHANNEL
INPUT CLAMP
This sets the DC level of the signal at the input if the input
is AC-coupled.
LEVELSHIFTER
The Level Shifter provides +250mV DC shift to the input
signal. This positions the signal within the input compliance
of the output buffer.
OUTPUT BUFFER
It provides gain of two as well as the current to drive the
load.
BIAS CIRCUITRY
The Bias Circuitry sets the operating points for the internal
blocks of the 34830. It consists of a bandgap voltage
reference, a PTAT current generator and a constant current
generator.
BANDWIDTH ADJUST
It consists of a variable PTAT current generator whose
current is set by an external resistor. Bias current variation is
inversely proportional to the external resistor value. By
varying the bias current for the level shifter and output buffer
we can adjust the channel bandwidth.
SHUTDOWN
Shutdown enables/disables internal blocks of the 34830
based on the state of the enable input (EN).
PTAT Current Generator
MC34830 - Functional Block Diagram
Bias
Signal Path
Bandwidth Adjust
Constant Current Generator
Voltage Bandgap
Bias
Bandwidth Adjust
Signal Path/ Signal Channel
Output Buffer
Level Shifter
Input Clamp
Shutdown
Shutdown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com