Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDF8599TH Datasheet(PDF) 17 Page - NXP Semiconductors

Part # TDF8599TH
Description  I2C-bus controlled dual channel 43 W/2 W single channel 85 W/1 W class-D power amplifier with load diagnostics
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDF8599TH Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button TDF8599TH Datasheet HTML 13Page - NXP Semiconductors TDF8599TH Datasheet HTML 14Page - NXP Semiconductors TDF8599TH Datasheet HTML 15Page - NXP Semiconductors TDF8599TH Datasheet HTML 16Page - NXP Semiconductors TDF8599TH Datasheet HTML 17Page - NXP Semiconductors TDF8599TH Datasheet HTML 18Page - NXP Semiconductors TDF8599TH Datasheet HTML 19Page - NXP Semiconductors TDF8599TH Datasheet HTML 20Page - NXP Semiconductors TDF8599TH Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 52 page
background image
TDF8599_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 13 November 2008
17 of 52
NXP Semiconductors
TDF8599
Class-D power amplifier with load diagnostics
In I2C-bus mode, DC offsets generate a voltage shift around the bias voltage. When the
voltage shift exceeds threshold values, the offset alarm bit DB1[D2] is set and if bit
IB1[D7] is set, diagnostic information is also given. Any detected offset shuts down both
channels when bit IB2[D7] is not set. To restart the TDF8599 in I2C-bus mode, pin EN
must be toggled or DCP disabled by connecting pin DCP to pin GND.
In non-I2C-bus mode, when an offset is detected, DCP always gives diagnostic
information on pin DIAG and shuts down both channels. Connecting pin DCP to pin GND
disables DCP.
8.5.6 Supply voltages
UnderVoltage Protection (UVP) is activated when the supply voltage drops below the UVP
threshold (typically 7.5 V). UVP triggers the UVP circuit causing the system to first mute
and then stop switching. When the supply voltage rises above the threshold level, the
system restarts.
OverVoltage Protection (OVP) is activated when the supply voltage exceeds the OVP
threshold (typically 27 V). The OVP (or load dump) circuit is activated and the power
stages are shutdown. An overview of all protection circuits and the amplifier states is
given in Table 10.
8.5.7 Overview of protection circuits and amplifier states
[1]
When fault is removed.
[2]
Amplifier gain depends on the junction temperature and size of the heat sink.
[3]
TFP influences restart timing depending on heat sink size.
[4]
Shorted load causes a restart of the channel every 50 ms.
[5]
Latched protection is reset by toggling the pin EN or by disabling DCP in I2C-bus mode.
[6]
In I2C-bus mode deep supply voltage drops will cause a Power-On Reset (POR). The restart requires an
I2C-bus command.
Table 10.
Overview of TDF8599 protection circuits and amplifier states
Protection circuit name
Amplifier state
Complete
shutdown
Channel
shutdown
Restart[1]
TFP
N[2]
N[2]
Y[3]
OTP
Y
N
Y[3]
OCP
N
Y
Y[4]
WP
N
Y
Y
DCP
Y
N
N[5]
UVP
Y
N
Y[6]
OVP
Y
N
Y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com