Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDF8599TH Datasheet(PDF) 45 Page - NXP Semiconductors

Part # TDF8599TH
Description  I2C-bus controlled dual channel 43 W/2 W single channel 85 W/1 W class-D power amplifier with load diagnostics
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDF8599TH Datasheet(HTML) 45 Page - NXP Semiconductors

Back Button TDF8599TH Datasheet HTML 41Page - NXP Semiconductors TDF8599TH Datasheet HTML 42Page - NXP Semiconductors TDF8599TH Datasheet HTML 43Page - NXP Semiconductors TDF8599TH Datasheet HTML 44Page - NXP Semiconductors TDF8599TH Datasheet HTML 45Page - NXP Semiconductors TDF8599TH Datasheet HTML 46Page - NXP Semiconductors TDF8599TH Datasheet HTML 47Page - NXP Semiconductors TDF8599TH Datasheet HTML 48Page - NXP Semiconductors TDF8599TH Datasheet HTML 49Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 52 page
background image
TDF8599_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 13 November 2008
45 of 52
NXP Semiconductors
TDF8599
Class-D power amplifier with load diagnostics
Fig 46. Package outline SOT938-1 (HSOP36)
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
SOT938-1
SOT938-1
06-01-20
06-04-07
Notes
1. Limits per individual lead.
2. Plastic or metal protrusions of 0.25 mm maximum per side are not included.
UNIT
A
max
mm
3.6
0.3
0.1
3.3
3.0
0.1
0
0.38
0.25
0.32
0.23
16.0
15.8
1.1
0.9
11.1
10.9
2.9
2.5
A1
DIMENSIONS (mm are the original dimensions)
HSOP36: plastic, heatsink small outline package; 36 leads; low stand-off height
0
5
10 mm
scale
A2
A3
0.35
A4(1)
bp
c
D(2)
D2
13.0
12.6
D1
E(2)
E2
6.2
5.8
E1
14.5
13.9
1.5
1.4
HE
Q
1.1
0.8
Lp
v
0.25
e
0.65
w
0.12
2.55
2.20
y
0.1
Z
θ
8°
0°
bp
e
w M
pin index
36
19
118
Z
D1
E1
D2
y
D
detail X
θ
A4
A1
(A3)
Lp
A2
Q
A
A
vA
M
X
HE
E2
E
c



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com