Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS4350 Datasheet(PDF) 14 Page - Cirrus Logic

Part # CS4350
Description  192 kHz Stereo DAC with Integrated PLL
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4350 Datasheet(HTML) 14 Page - Cirrus Logic

Back Button CS4350 Datasheet HTML 10Page - Cirrus Logic CS4350 Datasheet HTML 11Page - Cirrus Logic CS4350 Datasheet HTML 12Page - Cirrus Logic CS4350 Datasheet HTML 13Page - Cirrus Logic CS4350 Datasheet HTML 14Page - Cirrus Logic CS4350 Datasheet HTML 15Page - Cirrus Logic CS4350 Datasheet HTML 16Page - Cirrus Logic CS4350 Datasheet HTML 17Page - Cirrus Logic CS4350 Datasheet HTML 18Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 41 page
background image
14
DS691F1
CS4350
SWITCHING CHARACTERISTICS - CONTROL PORT - I²C FORMAT
Inputs: Logic 0 = GND; Logic 1 = VLC; CL =20pF.
Note: 11. Data must be held for sufficient time to bridge the transition time, tfc, of SCL.
Parameter
Symbol
Min
Max
Unit
SCL Clock Frequency
fscl
-
100
kHz
RST Rising Edge to Start
tirs
500
-
ns
Bus Free Time Between Transmissions
tbuf
4.7
-
µs
Start Condition Hold Time (prior to first clock pulse)
thdst
4.0
-
µs
Clock Low time
tlow
4.7
-
µs
Clock High Time
thigh
4.0
-
µs
Setup Time for Repeated Start Condition
tsust
4.7
-
µs
SDA Hold Time from SCL Falling (Note 11)
thdd
0-
µs
SDA Setup time to SCL Rising
tsud
250
-
ns
Rise Time of SCL and SDA
trc, trc
-1
µs
Fall Time SCL and SDA
tfc, tfc
-
300
ns
Setup Time for Stop Condition
tsusp
4.7
-
µs
Acknowledge Delay from SCL Falling
tack
300
1000
ns
tds
LRCK
(Input)
tdh
tsckh
tsckl
tfsh
tfss
SCLK
(Input)
SDIN
(Input)
MSB
MSB-1
tlrckh
tds
MSB
tdh
MSB-1
LRCK
(input)
SCLK
(input)
SDIN
(input)
tsckh
tsckl
tlcks
tlckd
Figure 6. Serial Port Timing, Non-TDM Mode
Figure 7. Serial Port Timing, TDM Mode
t buf
t hdst
t
lo w
t
hdd
t high
t sud
Stop
Start
SDA
SC L
t irs
RS T
t
hdst
t rc
t fc
t sust
t susp
Start
Stop
R epe ate d
t rd
t fd
t ack
Figure 8. Control Port Timing - I²C Format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com