Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS4350 Datasheet(PDF) 24 Page - Cirrus Logic

Part # CS4350
Description  192 kHz Stereo DAC with Integrated PLL
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4350 Datasheet(HTML) 24 Page - Cirrus Logic

Back Button CS4350 Datasheet HTML 20Page - Cirrus Logic CS4350 Datasheet HTML 21Page - Cirrus Logic CS4350 Datasheet HTML 22Page - Cirrus Logic CS4350 Datasheet HTML 23Page - Cirrus Logic CS4350 Datasheet HTML 24Page - Cirrus Logic CS4350 Datasheet HTML 25Page - Cirrus Logic CS4350 Datasheet HTML 26Page - Cirrus Logic CS4350 Datasheet HTML 27Page - Cirrus Logic CS4350 Datasheet HTML 28Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 41 page
background image
24
DS691F1
CS4350
5. STAND-ALONE OPERATION
5.1
Serial Port Format Selection
The desired serial audio format is selected with the DIF2, DIF1 and DIF0 pins. For an explanation of the
required relationship between the LRCK, SCLK and SDIN, see Figures 11-13. For all formats, SDIN is valid
on the rising edge of SCLK. TDM Mode requires the selection of which stereo pair time “slot” is used to out-
put data as shown in Table 2 and Figure 15.
5.2
De-Emphasis Control
When pulled to VLC, the DEM pin activates the 44.1 kHz de-emphasis filter. When pulled to GND, the DEM
pin turns off the de-emphasis filter.
5.3
Popguard Transient Control
In Stand-Alone Mode, Popguard is enabled by default. Popguard can be defeated in Stand-Alone Mode by
placing a 47 k
Ω resistor between RMCK and VLS.
DIF2 DIF1 DIF0
DESCRIPTION
FORMAT FIGURE
000
Left-Justified, up to 24-bit data
0
12
001
I²S, up to 24-bit data
1
11
010
Right-Justified, 16-bit data
2
13
011
Right-Justified, 24-bit data
3
13
100
TDM slot 0
4
15
101
TDM slot 1
5
15
110
TDM slot 2
6
15
111
TDM slot 3
7
15
Table 2. Digital Interface Format - Stand-Alone Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com