Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS4350 Datasheet(PDF) 40 Page - Cirrus Logic

Part # CS4350
Description  192 kHz Stereo DAC with Integrated PLL
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4350 Datasheet(HTML) 40 Page - Cirrus Logic

Back Button CS4350 Datasheet HTML 33Page - Cirrus Logic CS4350 Datasheet HTML 34Page - Cirrus Logic CS4350 Datasheet HTML 35Page - Cirrus Logic CS4350 Datasheet HTML 36Page - Cirrus Logic CS4350 Datasheet HTML 37Page - Cirrus Logic CS4350 Datasheet HTML 38Page - Cirrus Logic CS4350 Datasheet HTML 39Page - Cirrus Logic CS4350 Datasheet HTML 40Page - Cirrus Logic CS4350 Datasheet HTML 41Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 40 / 41 page
background image
40
DS691F1
CS4350
12.ORDERING INFORMATION
13.REVISION HISTORY
Product
Description
Package Pb-Free
Grade
Temp Range
Container
Order#
CS4350
192 kHz Stereo DAC
with Integrated PLL
24-TSSOP
YES
Commercial -40° to +85°C
Rail
CS4350-CZZ
Tape and Reel
CS4350-CZZR
Automotive -40° to +105°C
Rail
CS4350-DZZ
Tape and Reel
CS4350-DZZR
CDB4350
Evaluation Board for CS4350
-
-
-
-
CDB4350
Release
Changes
A2
-Changed description of TSTO pin in “Pin Description” on page 6 and “Typical Connection Diagram”
on page 17.
-Corrected Full-Scale Voltage in “RL and CL represent the minimum resistance and maximum
capacitance required for the CS4350’s internal op-amp to remain stable. See Figure 1 and Figure 2
for more details.” on page 9.
-Changed base address in “I²C Mode” on page 25 and “SPI Mode” on page 26.
A3
-Corrected typographical error in chip address shown in Section 6.2 on page 25.
-Corrected typographical error in value stated for the upper five bits in Section 6.2.1 on page 25.
PP1
-Updated “DAC Analog Characteristics - Commercial (-CZZ)” on page 9.
-Added “DAC Analog Characteristics - Automotive (-DZZ)” on page 10.
-Updated “Switching Specifications - Serial Audio Interface” on page 13.
-Updated “Power and Thermal Characteristics” on page 16.
F1
-Updated “DAC Analog Characteristics - Commercial (-CZZ)” on page 9.
-Updated “DAC Analog Characteristics - Automotive (-DZZ)” on page 10.
-Added Figure 3, Figure 4, and Figure 5 on page 11.
-Updated “Switching Specifications - Serial Audio Interface” on page 13.
-Updated “Digital Characteristics” on page 16.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com