Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS4350 Datasheet(PDF) 27 Page - Cirrus Logic

Part # CS4350
Description  192 kHz Stereo DAC with Integrated PLL
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4350 Datasheet(HTML) 27 Page - Cirrus Logic

Back Button CS4350 Datasheet HTML 23Page - Cirrus Logic CS4350 Datasheet HTML 24Page - Cirrus Logic CS4350 Datasheet HTML 25Page - Cirrus Logic CS4350 Datasheet HTML 26Page - Cirrus Logic CS4350 Datasheet HTML 27Page - Cirrus Logic CS4350 Datasheet HTML 28Page - Cirrus Logic CS4350 Datasheet HTML 29Page - Cirrus Logic CS4350 Datasheet HTML 30Page - Cirrus Logic CS4350 Datasheet HTML 31Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 41 page
background image
DS691F1
27
CS4350
6.3.2
SPI Read
To read from the device, follow the procedure below while adhering to the values specified in ”Switching
Characteristics - Control Port - SPI Format” on page 15.
1.
Bring CS low.
2. The address byte on the CDIN pin must then be 10011111 (R/W =1).
3. CDOUT pin will then output the data from the register pointed to by the MAP, which is set during the
SPI write operation.
4. If the INCR bit (see Section 6.1) is set to 1, keep CS low and continue providing clocks on CCLK to
read from multiple consecutive registers. Bring CS high when reading is complete.
5. If the INCR bit is set to 0 and further SPI reads from other registers are desired, it is necessary to bring
CS high, and follow the procedure detailed from step 1. If no further reads from other registers are
desired, bring CS high.
6.4
Memory Address Pointer (MAP)
6.4.1
INCR (Auto Map Increment Enable)
Default = ‘0’
0 - Disabled
1 - Enabled
6.4.2
MAP (Memory Address Pointer)
Default = ‘0000’
76543210
INCR
Reserved
Reserved
Reserved
MAP3
MAP2
MAP1
MAP0
00000000
MA P
MSB
LSB
DATA
by te 1
by te n
R/W
R/W
AD D R ESS
CHIP
ADDRESS
CH IP
MSB
LSB MSB
LSB
MAP = Memory Address Pointer, 8 bits, MSB first
High Impedance
1001111
1001111
CCLK
CDIN
CDOUT
CS
Figure 20. Control Port Timing, SPI Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com