Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS4350 Datasheet(PDF) 17 Page - Cirrus Logic

Part # CS4350
Description  192 kHz Stereo DAC with Integrated PLL
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4350 Datasheet(HTML) 17 Page - Cirrus Logic

Back Button CS4350 Datasheet HTML 13Page - Cirrus Logic CS4350 Datasheet HTML 14Page - Cirrus Logic CS4350 Datasheet HTML 15Page - Cirrus Logic CS4350 Datasheet HTML 16Page - Cirrus Logic CS4350 Datasheet HTML 17Page - Cirrus Logic CS4350 Datasheet HTML 18Page - Cirrus Logic CS4350 Datasheet HTML 19Page - Cirrus Logic CS4350 Datasheet HTML 20Page - Cirrus Logic CS4350 Datasheet HTML 21Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 41 page
background image
DS691F1
17
CS4350
3. TYPICAL CONNECTION DIAGRAM
Digital
Audio
Source
VLS
CS4350
RMCK
AOUTA+
0.1 µF
+
10 µF
µ C/
Mode
Configuration
SDIN
DIF1(SCL/CCLK)
DIF0(SDA/CDIN)
3.3 µF
AOUTA
+
VBIAS+
VQ
LRCK
SCLK
AOUTB+
10 µF
VD_FILT
0.1 µF
+1.5 V to +5 V
0.1 µF
10 µF
+3.3 V or +5 V
VLC
0.1 µF
+3.3 V to +5 V
VLS
*Optional for PopGuard
Disable
*47 k
Ω
AOUTA-
AOUTB-
DIF2(AD1/CDOUT)
Differential or Single-
ended Output Filter
AOUTB
Differential or Single-
ended Output Filter
+
+
8
12
10
11
9
5
24 RST
4
3
2 DEM(AD0/CS)
1
13
7
19
20
23
22
21
BMUTEC
14
15
16
AMUTEC
6
17
18
N.C.
Figure 10. Typical Connection Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com