Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5378 Datasheet(PDF) 52 Page - Cirrus Logic

Part # CS5378
Description  Low-power Single-channel Decimation Filter
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5378 Datasheet(HTML) 52 Page - Cirrus Logic

Back Button CS5378_08 Datasheet HTML 48Page - Cirrus Logic CS5378_08 Datasheet HTML 49Page - Cirrus Logic CS5378_08 Datasheet HTML 50Page - Cirrus Logic CS5378_08 Datasheet HTML 51Page - Cirrus Logic CS5378_08 Datasheet HTML 52Page - Cirrus Logic CS5378_08 Datasheet HTML 53Page - Cirrus Logic CS5378_08 Datasheet HTML 54Page - Cirrus Logic CS5378_08 Datasheet HTML 55Page - Cirrus Logic CS5378_08 Datasheet HTML 56Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 88 page
background image
CS5378
DS639F2
52
14. IIR FILTER
The infinite impulse response (IIR) filter block
consists of two cascaded stages, IIR1 and IIR2. It
creates a high-pass corner to block very low-fre-
quency and DC components of the input signal.
On-chip IIR1 and IIR2 coefficients can be selected
using a configuration command, or the coefficients
can be programmed for a custom filter response.
14.1 IIR Architecture
The architecture of the IIR filter is automatically
determined when the output filter stage is selected
in the FILTCFG register. Selecting the 1st order
IIR1 filter bypasses the 2nd order stage, while se-
lecting the 2nd order IIR2 filter bypasses the 1st or-
der stage. Selection of the 3rd order IIR3 filter
enables both the 1st and 2nd order stages.
14.2 IIR1 Filter
The 1st order IIR filter stage is a direct form filter
with three coefficients: a11, b10, and b11. Coeffi-
cients of a 1st order IIR are inherently normalized
to one, and should be scaled to 24-bit two’s com-
plement full scale, 0x7FFFFF.
The characteristic equations for the 1st order IIR
include an input value, X, an output value, Y, and
two intermediate values, W1 and W2, separated by
a delay element (z-1).
W2 = W1
W1 = X + (-a11 * W2)
Y = (W1 * b10) + (W2 * b11)
14.3 IIR2 Filter
The 2nd order IIR filter stage is a direct form filter
with five coefficients: a21, a22, b20, b21, and b22.
Coefficients of a 2nd order IIR are inherently nor-
malized to two, and should be scaled to 24-bit
two’s complement full scale, 0x7FFFFF. Normal-
ization effectively divides the 2nd order coeffi-
cients in half relative to the input, and requires
modification of the characteristic equations.
The characteristic equations for the 2nd order IIR
include an input value, X, an output value, Y, and
three intermediate values, W3, W4, and W5, each
separated by a delay element (z-1). The following
Z-1
Z-1
Z-1
-a11
b11
b10
-a21
-a22
b21
b22
b20
Figure 30. IIR Filter Block Diagram
1st Order IIR1
2nd Order IIR2
3rd Order IIR3 implemented by
running both IIR1 and IIR2 stages



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com