Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5378 Datasheet(PDF) 8 Page - Cirrus Logic

Part # CS5378
Description  Low-power Single-channel Decimation Filter
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5378 Datasheet(HTML) 8 Page - Cirrus Logic

Back Button CS5378_08 Datasheet HTML 4Page - Cirrus Logic CS5378_08 Datasheet HTML 5Page - Cirrus Logic CS5378_08 Datasheet HTML 6Page - Cirrus Logic CS5378_08 Datasheet HTML 7Page - Cirrus Logic CS5378_08 Datasheet HTML 8Page - Cirrus Logic CS5378_08 Datasheet HTML 9Page - Cirrus Logic CS5378_08 Datasheet HTML 10Page - Cirrus Logic CS5378_08 Datasheet HTML 11Page - Cirrus Logic CS5378_08 Datasheet HTML 12Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 88 page
background image
CS5378
DS639F2
8
from 3.3 V or 5 V.
-
Digital logic core operates from 2.5 V,
3.3 V or 5 V.
•
Small 28-pin SSOP package.
-
Total footprint 8 mm x 10 mm plus three
bypass capacitors.
1.4 Configuration Interface
•
Configuration from microcontroller or stand-
alone boot EEPROM.
-
Microcontroller boot permits reconfigura-
tion during operation.
-
EEPROM boot sets a fixed operational con-
figuration.
•
Configuration commands written through the
serial interface. (See Table 1)
-
Standardized microcontroller interface us-
ing SPI™ registers. (See Table 3)
-
Commands write digital filter registers and
FIR / IIR filter coefficients.
-
Digital filter registers set hardware config-
uration options.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com