Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5378 Datasheet(PDF) 16 Page - Cirrus Logic

Part # CS5378
Description  Low-power Single-channel Decimation Filter
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5378 Datasheet(HTML) 16 Page - Cirrus Logic

Back Button CS5378_08 Datasheet HTML 12Page - Cirrus Logic CS5378_08 Datasheet HTML 13Page - Cirrus Logic CS5378_08 Datasheet HTML 14Page - Cirrus Logic CS5378_08 Datasheet HTML 15Page - Cirrus Logic CS5378_08 Datasheet HTML 16Page - Cirrus Logic CS5378_08 Datasheet HTML 17Page - Cirrus Logic CS5378_08 Datasheet HTML 18Page - Cirrus Logic CS5378_08 Datasheet HTML 19Page - Cirrus Logic CS5378_08 Datasheet HTML 20Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 88 page
background image
CS5378
DS639F2
16
SWITCHING CHARACTERISTICS
CLK, SYNC, MCLK, MSYNC, and MDATA
Notes: 3. PLL bypass mode. The PLL generates a 32.768 MHz master clock when enabled.
4. Sampling synchronization between multiple CS5378 devices receiving identical SYNC signals.
Parameter
Symbol
Min
Typ
Max
Unit
Master Clock Frequency
(Note 3)
CLK
32
32.768
33
MHz
Master Clock Duty Cycle
DTY
40
-
60
%
Master Clock Rise Time
tRISE
-
-
20
ns
Master Clock Fall Time
tFALL
-
-
20
ns
Master Clock Jitter
JTR
-
-
300
ps
Synchronization after SYNC rising
(Note 4)
SYNC
-2
-
2
µs
MSYNC Setup Time to MCLK rising
tmss
20
-
-
ns
MCLK rising to Valid MDATA
tmdv
-
-
75
ns
MSYNC falling to MCLK rising
tmsf
20
-
-
ns
MSYNC
MCLK
MDATA
Figure 7. SYNC, MCLK, MSYNC, MDATA Interface Timing
tmsd
tmsd
tmsh
Data1
Data2
SYNC
fMCLK
2.048 MHz
1.024 MHz
tmsd = TMCLK / 4
tmsd = 122 ns
tmsd = 244 ns
tmsh = TMCLK
tmsh = 488 ns
tmsh = 976 ns
Note: SYNC input latched on MCLK rising edge. MSYNC output triggered by MCLK falling edge.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com