Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5378 Datasheet(PDF) 60 Page - Cirrus Logic

Part # CS5378
Description  Low-power Single-channel Decimation Filter
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5378 Datasheet(HTML) 60 Page - Cirrus Logic

Back Button CS5378_08 Datasheet HTML 56Page - Cirrus Logic CS5378_08 Datasheet HTML 57Page - Cirrus Logic CS5378_08 Datasheet HTML 58Page - Cirrus Logic CS5378_08 Datasheet HTML 59Page - Cirrus Logic CS5378_08 Datasheet HTML 60Page - Cirrus Logic CS5378_08 Datasheet HTML 61Page - Cirrus Logic CS5378_08 Datasheet HTML 62Page - Cirrus Logic CS5378_08 Datasheet HTML 63Page - Cirrus Logic CS5378_08 Datasheet HTML 64Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 88 page
background image
CS5378
DS639F2
60
17. TEST BIT STREAM GENERATOR
The CS5378 test bit stream (TBS) generator creates
sine wave
∆Σ bit stream data to drive an external
test DAC. The TBS digital output can also be in-
ternally connected to the MDATA inputs for loop-
back testing of the digital filter.
17.1 Pin Descriptions
TBSDATA - Pin 8
Test bit stream 1-bit
∆Σ data output.
MCLK - Pin 11
Test bit stream clock output.
17.2 TBS Architecture
The test bit stream generator consists of a data in-
terpolator and a digital
∆Σ modulator. It receives
periodic 24-bit data from the digital filter to create
a 1-bit
∆Σ data output on the TBSDATA pin.
The TBS input data from the digital filter is scaled
by the TBSGAIN register (0x2B). Maximum sta-
ble amplitude is 0x04FFFF, with 0x04B000 ap-
proximately full scale for the CS5373A test DAC.
The full scale 1-bit
∆Σ output from the TBS gener-
ator is defined as 25% minimum and 75% maxi-
mum one’s density.
17.3 TBS Configuration
Configuration options for the TBS generator are set
through the TBSCFG register (0x2A). Gain scal-
ing of the TBS generator output is set by the TB-
SGAIN register (0x2B).
Interpolation Factor - INTP[7:0]
Selects how many times the interpolator uses a data
point when generating the output bit stream. Inter-
polation is zero based and represents one greater
than the programmed register value.
Output Rate - RATE[2:0]
Selects the TBSDATA output rate.
Synchronization - TSYNC
Enables synchronization of the TBS output phase
to the MSYNC signal.
Loopback - LOOP
Enables digital loopback from the TBS output to
the MDATA inputs.
Run - RUN
Enables the test bit stream generator.
Digital
∆Σ Modulator
24-bit
1-bit
TBSDATA
Digital Filter
TBSGAIN Register
24-bit
Figure 36. Test Bit Stream Generator Block Diagram
Data Bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com