Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5378 Datasheet(PDF) 62 Page - Cirrus Logic

Part # CS5378
Description  Low-power Single-channel Decimation Filter
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5378 Datasheet(HTML) 62 Page - Cirrus Logic

Back Button CS5378_08 Datasheet HTML 58Page - Cirrus Logic CS5378_08 Datasheet HTML 59Page - Cirrus Logic CS5378_08 Datasheet HTML 60Page - Cirrus Logic CS5378_08 Datasheet HTML 61Page - Cirrus Logic CS5378_08 Datasheet HTML 62Page - Cirrus Logic CS5378_08 Datasheet HTML 63Page - Cirrus Logic CS5378_08 Datasheet HTML 64Page - Cirrus Logic CS5378_08 Datasheet HTML 65Page - Cirrus Logic CS5378_08 Datasheet HTML 66Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 88 page
background image
CS5378
DS639F2
62
17.6 TBS Loopback Testing
Included as part of the CS5378 test bit stream gen-
erator is a feedback path to the digital filter MDA-
TA input. This loopback mode provides a fully
digital signal path to test the TBS generator, digital
filter, and data collection interface. Digital loop-
back testing expects 512 kHz
∆Σ data into the
MDATA input.
A mismatch of the TBS generator full scale output
and the MDATA full scale input results in an am-
plitude mismatch when testing in loopback mode.
The TBS generator outputs a 75% maximum one’s
density, while the MDATA inputs expect an 86%
maximum one’s density from a
∆Σ modulator, re-
sulting in a measured full scale error of approxi-
mately -3.6 dB.
17.7 TBS Synchronization
When the TSYNC bit is set in the TBSCFG regis-
ter, the MSYNC signal resets the sine wave data
pointer and phase aligns the TBS signal output.
Once the digital filter is settled, all CS5378 devices
receiving the SYNC signal will have identical TBS
signal phase. See “Synchronization” on page 24
for more information about the SYNC and
MSYNC signals.
If TSYNC is clear, MSYNC has no effect on the
TBS data pointer and no change in the TBS output
phase will occur during synchronization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com