Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5378 Datasheet(PDF) 35 Page - Cirrus Logic

Part # CS5378
Description  Low-power Single-channel Decimation Filter
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5378 Datasheet(HTML) 35 Page - Cirrus Logic

Back Button CS5378_08 Datasheet HTML 31Page - Cirrus Logic CS5378_08 Datasheet HTML 32Page - Cirrus Logic CS5378_08 Datasheet HTML 33Page - Cirrus Logic CS5378_08 Datasheet HTML 34Page - Cirrus Logic CS5378_08 Datasheet HTML 35Page - Cirrus Logic CS5378_08 Datasheet HTML 36Page - Cirrus Logic CS5378_08 Datasheet HTML 37Page - Cirrus Logic CS5378_08 Datasheet HTML 38Page - Cirrus Logic CS5378_08 Datasheet HTML 39Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 88 page
background image
CS5378
DS639F2
35
9.5 Example Microcontroller Configuration
Table 10 shows an example microcontroller transactions for a minimal CS5378 configuration.
Table 10. Example Microcontroller Configuration
Transaction
SPI Data
Description
01
02 03 00 00 05 00 22 00
Write ROM coefficients
02
Delay 1ms or poll E2DREQ
03
02 03 00 00 01 00 00 00 06 04 31
Write CONFIG Register
04
Delay 1ms or poll E2DREQ
05
02 03 00 00 01 00 00 20 00 02 40
Write FILTCFG Register
06
Delay 1ms or poll E2DREQ
07
02 03 00 00 01 00 00 2A 07 40 40
Write TBSCFG Register
08
Delay 1ms or poll E2DREQ
09
02 03 00 00 01 00 00 2B 04 B0 00
Write TBSGAIN Register
10
Delay 1ms or poll E2DREQ
11
02 03 00 00 08
Filter Start



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com