Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VN770P Datasheet(PDF) 7 Page - STMicroelectronics

Part # VN770P
Description  QUAD SMART POWER SOLID STATE RELAY FOR COMPLETE H BRIDGE CONFIGURATIONS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN770P Datasheet(HTML) 7 Page - STMicroelectronics

Back Button VN770P Datasheet HTML 3Page - STMicroelectronics VN770P Datasheet HTML 4Page - STMicroelectronics VN770P Datasheet HTML 5Page - STMicroelectronics VN770P Datasheet HTML 6Page - STMicroelectronics VN770P Datasheet HTML 7Page - STMicroelectronics VN770P Datasheet HTML 8Page - STMicroelectronics VN770P Datasheet HTML 9Page - STMicroelectronics VN770P Datasheet HTML 10Page - STMicroelectronics VN770P Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Symbol
Parameter
Test Co ndi tio ns
Min.
Typ .
Max.
Uni t
IOL
Open Load Current
Level
On-St ate
5
180
mA
tpovl
St atus Delay
(note 3)
5
10
µs
tpol
St atus Delay
(note 3)
50
500
2500
µs
(*) In= Nominal current according to ISO definition for high side automotive switch (see note 1)
(^) See switching time waveform
() The VIH is internally clamped at 6V about. It is possible to connect this pin to an higher voltage via an external resistor calculated to not
exceed 10 mA at the input pin.
note 1: The Nominal Current is the current at Tc =85
oC for battery voltage of 13V which produces a voltage drop of 0.5 V
note 2: IOL(off) =(VCC -VOL)/ROL
note 3: tpovl tpol: ISO definition
ELECTRICAL CHARACTERISTICS FOR LOW SIDE SWITCHES
(Tcase =25
oC unless otherwise specified)
OFF
Symbol
Parameter
Test Co ndi tio ns
Min.
Typ .
Max.
Uni t
VCLAMP
Drain-source Clamp
Voltage
ID =7 A
Vin = 0
36
42
48
V
VCLTH
Drain-source Clamp
Threshold Voltage
ID =2 mA
Vin =0
35
V
VINCL
Input-Source Reverse
Clamp Voltage
Iin =-1 mA
-1
-0. 3
V
IDSS
Zero I nput Voltage
Drain Current (Vin =0)
VDS =13 V
Vin =0
VDS =25 V
Vin =0
50
200
µA
µA
IISS
Supply Current from
Input Pin
VDS =0 V
Vin = 10 V
250
500
µA
ON (
∗)
Symbol
Parameter
Test Co ndi tio ns
Min.
Typ .
Max.
Uni t
VIN(th)
Input Threshold
Voltage
VDS =Vin
ID +Iin =1 mA
0.8
3
V
RDS(on)
St atic Drain-source On
Resistance
Vin =10 V
ID =7 A
Vin =5 V
ID =7 A
0.07
0.1
Ω
Ω
DYNAMIC
Symbol
Parameter
Test Co ndi tio ns
Min.
Typ .
Max.
Uni t
ELECTRICAL CHARACTERISTICS FOR DUAL HIGH SIDE SWITCH (continued)
PROTECTION AND DIAGNOSTICS
VN770P
7/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com