Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VN770P Datasheet(PDF) 5 Page - STMicroelectronics

Part # VN770P
Description  QUAD SMART POWER SOLID STATE RELAY FOR COMPLETE H BRIDGE CONFIGURATIONS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN770P Datasheet(HTML) 5 Page - STMicroelectronics

  VN770P Datasheet HTML 1Page - STMicroelectronics VN770P Datasheet HTML 2Page - STMicroelectronics VN770P Datasheet HTML 3Page - STMicroelectronics VN770P Datasheet HTML 4Page - STMicroelectronics VN770P Datasheet HTML 5Page - STMicroelectronics VN770P Datasheet HTML 6Page - STMicroelectronics VN770P Datasheet HTML 7Page - STMicroelectronics VN770P Datasheet HTML 8Page - STMicroelectronics VN770P Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
ABSOLUTE MAXIMUM RATING (-40
oC< Tj < 150 oC)
HIGH SIDE SWITCH
Symbol
Parameter
Value
Uni t
V(BR)DSS
Drain-Source Breakdown Volt age
40
V
IOUT
Output Current (cont. )
9
A
IR
Reverse O utput Current
-9
A
IIN
Input Current
±10
mA
-VCC
Reverse Supply Voltage
-4
V
ISTAT
St atus Current
±10
mA
VESD
Elect rostatic Discharge (C = 100 pF , R =1.5 K
Ω)
2000
V
Ptot
Power Dissipation at Tc =25
oC
I nternally Limited
W
Tj
Junction Operat ing T emperature
-40 t o 150
oC
Tstg
St orage Temperature
-55 t o 150
oC
LOW SIDE SWITCH
Symbo l
Parameter
Val ue
Unit
V(BR)DSS
Drain-Source Breakdown Voltage
Int ernally Clamped
V
VIN
Input Voltage
18
V
ID
Drain Current
Internally Limited
A
IR
Reverse DC Output Current
-14
A
VESD
Elect rostat ic Discharge (C = 100 pF , R =1.5 K
Ω)
2000
V
Ptot
Tot al Dissipation at Tc =25
oC
Internally Limited
W
Tj
Operat ing Junct ion T emperature
Internally Limited
o C
Tstg
Storage T emperat ure
-55 to 150
o C
THERMAL DATA
Rthj-ca se
Rthj-ca se
Rthj-amb
Thermal Resistance Junction-case (High-side switch)
Max
Thermal Resistance Junction-case (Low-side switch)
Max
Thermal Resistance Junction-ambient
Max
20
20
60
oC/W
oC/W
oC/W
ELECTRICAL CHARACTERISTICS FOR DUAL HIGH SIDE SWITCH
(8 < VCC < 16 V; -40
≤ Tj ≤ 125 oC unless otherwise specified)
POWER
Symbol
Parameter
Test Co ndi tio ns
Min.
Typ .
Max.
Uni t
VCC
Supply Voltage
6
13
26
V
I n(*)
Nominal Current
Tc =85
oCVDS(on)
≤ 0.5 VCC =13 V
1.6
2.6
A
Ron
On Stat e Resistance
IOUT =In VCC =13 V
Tj =25
oC
0.13
0.2
Ω
IS
Supply Current
Of f State
Tj =25
oCVCC = 13 V
35
100
µA
VDS(MAX)
Maximum Voltage Drop IOUT =7.5 A
Tj =85
oCVCC =13
V
1.44
2.3
V
VN770P
5/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com