Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VN770P Datasheet(PDF) 8 Page - STMicroelectronics

Part # VN770P
Description  QUAD SMART POWER SOLID STATE RELAY FOR COMPLETE H BRIDGE CONFIGURATIONS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN770P Datasheet(HTML) 8 Page - STMicroelectronics

Back Button VN770P Datasheet HTML 3Page - STMicroelectronics VN770P Datasheet HTML 4Page - STMicroelectronics VN770P Datasheet HTML 5Page - STMicroelectronics VN770P Datasheet HTML 6Page - STMicroelectronics VN770P Datasheet HTML 7Page - STMicroelectronics VN770P Datasheet HTML 8Page - STMicroelectronics VN770P Datasheet HTML 9Page - STMicroelectronics VN770P Datasheet HTML 10Page - STMicroelectronics VN770P Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
gfs (
∗)Forward
Transconductance
VDS =13 V
ID =7 A
8
10
S
Cos s
Output Capacitance
VDS =13 V
f = 1 MHz
Vin = 0
400
500
pF
SWITCHING (**)
Symbol
Parameter
Test Co ndi tio ns
Min.
Typ .
Max.
Uni t
td(o n)
tr
td(o ff)
tf
Turn-on Delay Time
Rise Time
Turn-off Delay Time
Fall Time
VDD =15 V
Id =7A
Vgen =10 V
Rgen =10
Ω
(see figure 3)
60
160
250
100
120
300
400
200
ns
ns
ns
ns
td(o n)
tr
td(o ff)
tf
Turn-on Delay Time
Rise Time
Turn-off Delay Time
Fall Time
VDD =15 V
Id =7 A
Vgen =10 V
Rgen =1000
Ω
(see figure 3)
300
1.5
5.5
1.8
500
2.2
7.5
2.5
ns
µs
µs
µs
(di/dt )on
Turn-on Current Slope
VDD =15 V
ID =7A
Vin =10 V
Rgen =10
Ω
120
A/
µs
Qi
Tot al Input Charge
VDD =12 V
ID =7 A
Vin = 10 V
30
nC
SOURCE DRAIN DIODE
Symbol
Parameter
Test Co ndi tio ns
Min.
Typ .
Max.
Uni t
VSD (
∗)Forward On Voltage
ISD =10 A
Vin =0
1.6
V
trr (
∗∗)
Qrr (
∗∗)
IRRM (
∗∗)
Reverse Recovery
Time
Reverse Recovery
Charge
Reverse Recovery
Current
ISD =7 A
di/dt =100 A/
µs
VDD =30 V
Tj =25
o C
(see test circuit, figure 5)
110
0. 34
6.1
ns
µC
A
PROTECTION
Symbol
Parameter
Test Co ndi tio ns
Min.
Typ .
Max.
Uni t
Tjsh (
∗∗) Overtemperature
Shutdown
150
oC
Tjrs (
∗∗)
Ov ert emperat ure Reset
135
oC
Igf (
∗∗)
Fault Sink Current
Vin =10 V
VDS =13 V
Vin =5 V
VDS =13 V
50
20
mA
mA
Ilim
Drain Current Limit
Vin =10 V
VDS =13 V
Vin =5 V
VDS =13 V
10
10
14
14
20
20
A
A
tdlim (
∗∗) Step Response
Current Limit
Vin =10 V
Vin =5 V
30
80
60
150
µs
µs
ELECTRICAL CHARACTERISTICS FOR LOW SIDE SWITCHES (continued)
VN770P
8/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com