Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VN770P Datasheet(PDF) 4 Page - STMicroelectronics

Part # VN770P
Description  QUAD SMART POWER SOLID STATE RELAY FOR COMPLETE H BRIDGE CONFIGURATIONS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN770P Datasheet(HTML) 4 Page - STMicroelectronics

  VN770P Datasheet HTML 1Page - STMicroelectronics VN770P Datasheet HTML 2Page - STMicroelectronics VN770P Datasheet HTML 3Page - STMicroelectronics VN770P Datasheet HTML 4Page - STMicroelectronics VN770P Datasheet HTML 5Page - STMicroelectronics VN770P Datasheet HTML 6Page - STMicroelectronics VN770P Datasheet HTML 7Page - STMicroelectronics VN770P Datasheet HTML 8Page - STMicroelectronics VN770P Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
PROTECTION CIRCUITS
DUAL HIGH SIDE SWITCH
The simplest way to protect the device against a
continuous reverse battery voltage (-26V) is to
insert a a small resistor between pin 2 (GND) and
ground. The suggested resistance value is about
150
Ω. In any case the maximum voltage drop on
this resistor should not overcome 0.5V.
If there is no need for the control unit to handle
external analog signals referred to the power
GND, the best approach is to connect the
reference potential of the control unit to the
device ground (see application circuit in fig. 3),
which becomes the common signal GND for the
whole control board avoiding shift of Vih,Vil and
Vstat.
LOW SIDE SWITCHES
The devices integrate:
- OVERVOLTAGE
CLAMP
PROTECTION:
internally set at 42V, along with the rugged
avalanche
characteristics
of
the
Power
MOSFET stage give this device unrivalled
ruggedness and energy handling capability.
This feature is mainly important when driving
inductive loads.
- OVERTEMPERATURE AND SHORT CIRCUIT
PROTECTION: these are based on sensing
the chip temperature and are not dependent on
the input voltage. The location of the sensing
element on the chip in the power stage area
ensures fast, accurate detection of the junction
temperature. Overtemperature cutout occurs at
minimum 150
oC. The device is automatically
restarted when the chip temperature falls
below 135
oC.
- STATUS FEEDBACK: In the case of an
overtemperature fault
condition, a
Status
Feedback is provided through the Input pin.
The internal protection circuit disconnects the
input from the gate and connects it instead to
ground via an equivalent resistance of 100
Ω.
The failure can be detected by monitoring the
voltage at the Input pin, which will be close to
ground potential.
Additional features of these devices are ESD
protection according to the Human Body model
and the ability to be driven from a TTL Logic
circuit (with a small increase in RDS(on)).
TRUTH TABLE (for Dual high-side switch only)
I NPUT 1
INPUT 2
SO URCE 1 SOURCE 2
DIAG NO STI C
Normal Operation
L
H
L
H
L
H
H
L
L
H
L
H
L
H
H
L
H
H
H
H
Under-voltage
X
X
L
L
H
T hermal Shut down
Channel 1
HX
L
X
L
Channel 2
XH
X
L
L
O pen Load
Channel 1
H
L
X
L
H
L
X
L
L
L
Channel 2
X
L
H
L
X
L
H
L
L
L
O utput Shorted to VCC
Channel 1
H
L
X
L
H
H
X
L
L
L
Channel 2
X
L
H
L
X
L
H
H
L
L
NOTE: The low-side switches have the fault feedback which can be detected by monitoring the voltage at the input pins.
L = Logic LOW, H = Logic HIGH, X = Don’t care
VN770P
4/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com