Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VN770P Datasheet(PDF) 1 Page - STMicroelectronics

Part # VN770P
Description  QUAD SMART POWER SOLID STATE RELAY FOR COMPLETE H BRIDGE CONFIGURATIONS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN770P Datasheet(HTML) 1 Page - STMicroelectronics

  VN770P Datasheet HTML 1Page - STMicroelectronics VN770P Datasheet HTML 2Page - STMicroelectronics VN770P Datasheet HTML 3Page - STMicroelectronics VN770P Datasheet HTML 4Page - STMicroelectronics VN770P Datasheet HTML 5Page - STMicroelectronics VN770P Datasheet HTML 6Page - STMicroelectronics VN770P Datasheet HTML 7Page - STMicroelectronics VN770P Datasheet HTML 8Page - STMicroelectronics VN770P Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
VN770P
QUAD SMART POWER SOLID STATE RELAY
FOR COMPLETE H BRIDGE CONFIGURATIONS
®
September 1998
SO-28
T YPE
RDS(on) *IOUT
VCC
VN770P
0.270
Ω
9A
26 V
* Total resistance of one side in bridge configuration
s
IDEAL AS A LOW VOLTAGE BRIDGE
s
LINEAR CURRENT LIMITATION
s
VERY LOW STAND-BY POWER
DISSIPATION
s
SHORT CIRCUIT PROTECTED
s
STATUS FLAG DIAGNOSTICS
s
OPEN DRAIN DIAGNOSTICS OUTPUT
s
INTEGRATED CLAMPING CIRCUITS
s
UNDER-VOLTAGE PROTECTION
s
ESD PROTECTION
DESCRIPTION
The VN770P is a device formed by three
monolithic chips housed in a standard SO28
package: a double high side and two low side
switches. Both the double high side and low side
switches are made using STMicroelectronics
VIPower technology. This device is suitable to
drive a DC motor in a bridge configuration as well
as to be used as a quad switch for any low
voltage application. The dual high side switches
have built-in thermal shut-down to protect the
chip from over temperature and short circuit,
status output to provide indication for open load
in off and on state, overtemperature conditions
and stuck-on to VCC. The low side switches are
two OMNIFET types (fully autoprotected Power
MOSFET in VIPower
™ technology). They have
built-in thermal shut-down, linear current limitation
and overvoltage clamping. Fault feedback for
thermal
intervention
can
be
detected
by
monitoring the voltage at the input pin.
DUAL HIGH-SIDE SWITCH
From the falling edge of the input signal, the
status output, initially low
to signal a fault
condition
(overtemperature
or
open
load
on-state), will go back to a high state with a
different delay in case of overtemperature (tpovl)
and in case of open open load (tpol) respectively.
This feature allows to discriminate the nature of
the detected fault. To protect the device against
short circuit and over current condition, the
thermal protection turns the integrated Power
MOS off at a minimum junction temperature of
140
oC. When this temperature returns to 125 oC
the switch is automatically turned on again. In
short circuit the protection reacts with virtually no
delay, the sensor (one for each channel) being
located inside each of the two Power MOS areas.
This positioning allows the device to operate with
one channel in automatic thermal cycling and the
other one on a normal load. An internal function
of the devices ensures the fast demagnetization
of inductive loads with a typical voltage (Vdemag)
of -18V. This function allows to greatly reduces
the power dissipation according to the formula:
Pdem =0.5
• Lload • (Iload)2 • [(VCC+Vdemag)/Vdemag] • f
where f = switching frequency and
Vdemag = demagnetization voltage.
In this device if the GND pin is disconnected, with
VCC not exceeding 16V, both channel will switch
off.
LOW-SIDE SWITCHES
During
normal
operation, the
Input
pin
is
electrically connected to the gate of the internal
power MOSFET. The device then behaves like a
standard power MOSFET and can be used as a
switch from DC to 50 KHz. The only difference
from the user’s standpoint is that a small DC
current (Iiss) flows into the Input pin in order to
supply the internal circuitry.
1/11


Similar Part No. - VN770P

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN770 STMICROELECTRONICS-VN770 Datasheet
87Kb / 10P
QUAD SMART POWER SOLID STATE RELAY FOR COMPLETE H-BRIDGE CONFIGURATIONS
Oct-1998
VN770K STMICROELECTRONICS-VN770K Datasheet
303Kb / 20P
QUAD SMART POWER SOLID STATE RELAY FOR COMPLETE H BRIDGE CONFIGURATIONS
rev. A
VN770KP STMICROELECTRONICS-VN770KP Datasheet
1Mb / 33P
Quad smart power solid state relay for complete H-bridge configurations
12-Oct-2015
VN770KP-E STMICROELECTRONICS-VN770KP-E Datasheet
1Mb / 22P
for car body applications
Oct-2013
VN770KP-E STMICROELECTRONICS-VN770KP-E Datasheet
1Mb / 33P
Quad smart power solid state relay for complete H-bridge configurations
12-Oct-2015
More results

Similar Description - VN770P

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN770 STMICROELECTRONICS-VN770 Datasheet
87Kb / 10P
QUAD SMART POWER SOLID STATE RELAY FOR COMPLETE H-BRIDGE CONFIGURATIONS
Oct-1998
VN771 STMICROELECTRONICS-VN771 Datasheet
87Kb / 10P
QUAD SMART POWER SOLID STATE RELAY FOR COMPLETE H-BRIDGE CONFIGURATIONS
Oct-1998
VN771P STMICROELECTRONICS-VN771P Datasheet
95Kb / 11P
QUAD SMART POWER SOLID STATE RELAY FOR COMPLETE H BRIDGE CONFIGURATIONS
Sep-1998
VN772K STMICROELECTRONICS-VN772K Datasheet
305Kb / 21P
QUAD SMART POWER SOLID STATE RELAY FOR COMPLETE H BRIDGE CONFIGURATIONS
rev. A
VN5770AK-E STMICROELECTRONICS-VN5770AK-E Datasheet
506Kb / 31P
Quad smart power solid state relay for complete H bridge configurations
16-Feb-2007
VN771K STMICROELECTRONICS-VN771K Datasheet
901Kb / 33P
Quad smart power solid state relay for complete H-bridge configurations
10-Jul-2009
VN772K-E STMICROELECTRONICS-VN772K-E Datasheet
226Kb / 21P
QUAD SMART POWER SOLID STATE RELAY FOR COMPLETE H BRIDGE CONFIGURATIONS
Sep-2004
VN5770AKPTR-E STMICROELECTRONICS-VN5770AKPTR-E Datasheet
582Kb / 35P
Quad smart power solid state relay for complete H-bridge configurations
02-Oct-2012
VN5772AKTR-E STMICROELECTRONICS-VN5772AKTR-E Datasheet
875Kb / 34P
Quad smart power solid-state relay for complete H-bridge configurations
19-Sep-2013
VN771K-E STMICROELECTRONICS-VN771K-E Datasheet
225Kb / 21P
QUAD SMART POWER SOLID STATE RELAY FOR COMPLETE H BRIDGE CONFIGURATIONS
Sep-2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com