Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VN770P Datasheet(PDF) 6 Page - STMicroelectronics

Part # VN770P
Description  QUAD SMART POWER SOLID STATE RELAY FOR COMPLETE H BRIDGE CONFIGURATIONS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN770P Datasheet(HTML) 6 Page - STMicroelectronics

Back Button VN770P Datasheet HTML 2Page - STMicroelectronics VN770P Datasheet HTML 3Page - STMicroelectronics VN770P Datasheet HTML 4Page - STMicroelectronics VN770P Datasheet HTML 5Page - STMicroelectronics VN770P Datasheet HTML 6Page - STMicroelectronics VN770P Datasheet HTML 7Page - STMicroelectronics VN770P Datasheet HTML 8Page - STMicroelectronics VN770P Datasheet HTML 9Page - STMicroelectronics VN770P Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Ri
Output t o G ND internal
Im pedance
Tj =25
oC5
10
20
K
Ω
SWITCHING
Symbol
Parameter
Test Co ndi tio ns
Min.
Typ .
Max.
Uni t
td(on)(^)
Turn-on Delay Time Of
Output Current
Rout =5.4
Ω
525
200
µs
tr(^)
Rise Time Of O utput
Current
Rout =5.4
Ω
10
50
180
µs
td(o ff)(^)
Turn-off Delay Time Of
Output Current
Rout =5.4
Ω
10
75
250
µs
tf(^)
Fall Time O f Out put
Current
Rout =5.4
Ω
10
35
180
µs
(di/dt )on
Turn-on Current Slope
Rout =5.4
Ω
0.003
0.1
A/
µs
(di/dt )off
Turn-off Current Slope
Rout =5.4
Ω
0.005
0.1
A/
µs
LOGIC INPUT
Symbol
Parameter
Test Co ndi tio ns
Min.
Typ .
Max.
Uni t
VIL
Input Low Level
Voltage
1.5
V
VIH
Input High Level
Voltage
3.5
(
•)V
VI(hys t.)
Input Hysteresis
Voltage
0.2
0.9
1.5
V
IIN
Input Current
VIN =5 V
Tj =25
oC30
100
µA
VICL
Input Clamp Voltage
IIN =10 mA
IIN =-10 mA
56
-0. 7
7V
V
PROTECTION AND DIAGNOSTICS
Symbol
Parameter
Test Co ndi tio ns
Min.
Typ .
Max.
Uni t
VSTAT
St atus Volt age Out put
Low
IST AT =1.6 mA
0.4
V
VUSD
Under Voltage Shut
Down
3.5
4.5
6
V
VSCL
St atus Clamp Voltage
IST AT =10 mA
IST AT =-10 mA
56
-0. 7
7V
V
TTSD
Thermal Shut-down
Temperature
140
160
180
oC
TSD( hys t.)
Thermal Shut-down
Hysteresis
50
oC
TR
Reset Temperature
125
oC
VOL
Open Voltage Level
Of f-State (note 2)
2.5
4
5
V
ELECTRICAL CHARACTERISTICS FOR DUAL HIGH SIDE SWITCH (continued)
VN770P
6/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com