| Electronic Components Datasheet Search |
|
STFLWARP20 Datasheet(PDF) 12 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STFLWARP20 Datasheet(HTML) 12 Page - STMicroelectronics |
|
12 / 28 page ![]() 0 0 64 16 32 48 M emb er ship Functions related to INPUT 1 M emb er ship Functions related to INPUT 2 M emb er ship Functions related to INPUT 3 M emb er ship Functions related to INPUT 4 0 16 8 0 0 8 M Fs relate d to INPUT8 M Fs relate d to INPUT7 M Fs relate d to INPUT6 M Fs relate d to INPUT5 M Fs relate d to INPUT4 M Fs relate d to INPUT3 M Fs relate d to INPUT2 M Fs relate d to INPUT1 64 Figure 12. Antecedent Memory Spaces. 0 25 6 Microco de Cons e que nt M Fs rela te d to RULE 256 Mic roco de Cons e que nt M Fs rela te d to RULE 1 Mic roco de Cons e que nt M Fs rela te d to RULE 2 1 2 0 2 Numbe r of Words to lo ad from the ex ternal Me mory A/D Sta rt Conve r sion Pulse width Hands haking signal s polarity Num b e r of Inputs -1 Num be r of Outputs - 1 Antece dent Me mory Configuration On-Line phase Ma ste r/Slav e 3 4 1 Figure 13. Program/Consequent Memory and Register Bench. MEMORY There are three memories in W.A.R.P.2.0, the Antecedent Memory (AM), The Program/Conse- quent Memory (PCM) and the Register Bench (RB). The AM is divided in 4 spaces, each having a maximum of 64 bytes. It is also possible to divide the AM in 8 parts, each having a maximum of 32 bytes. It is possible to configure the AM in the following modes (see fig. 12): a) up to 4 inputs, each with 16 Antecedent MFs (MAX); b) up to 8 inputs, each with 8 Antecedent MFs (MAX); Each word (4 byte) of the AM contains the data of a single MF related to an input. If W.A.R.P.2.0 has been configured to accept up to 4 inputs it is possible to have up to 16 MFs for each input. If W.A.R.P.2.0 has been configured to accept up to 8 inputs it is possible to have up to 8 MFs for each input. Each MF of the AM contains 3 (or 2) bit indicating to which input variable the MF is corre- lated. The PCM is composed by 256 words (see fig. 13). Each row (word) is related to a single rule and contains 36 bit of microcode and 8 bit indicating the consequent MF (crisp) related to this rule. The RB contains data for the configuration of the processor that can be set by software. It is possible to fix: the number of inputs, the number of outputs, the address of the last word to load from the external memory, the number of MF per input, the width of the start A/D conversion pulse, the handshaking signals polarity and the functioning mode of the processor (Master/Slave). 12/28 W.A.R.P.2.0 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |