Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STFLWARP20 Datasheet(PDF) 17 Page - STMicroelectronics

Part # STFLWARP20
Description  8-BIT FUZZY CO-PROCESSOR
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STFLWARP20 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STFLWARP20 Datasheet HTML 13Page - STMicroelectronics STFLWARP20 Datasheet HTML 14Page - STMicroelectronics STFLWARP20 Datasheet HTML 15Page - STMicroelectronics STFLWARP20 Datasheet HTML 16Page - STMicroelectronics STFLWARP20 Datasheet HTML 17Page - STMicroelectronics STFLWARP20 Datasheet HTML 18Page - STMicroelectronics STFLWARP20 Datasheet HTML 19Page - STMicroelectronics STFLWARP20 Datasheet HTML 20Page - STMicroelectronics STFLWARP20 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
Symbol
Parameters
Test
Conditions
Min
Typ
Max
Unit
tCLH
Clock High
10
ns
tCLL
Clock Low
15
ns
tSET
Setup
15
ns
tHLD
Hold
15
ns
tOR
Output Rise
see fig.22
3
ns
tOF
Output Fall
see fig.22
3
ns
Table 9. Timing Parameters
tCLL tCLH
50%
50%
50%
tSET
tHLD
Clock
Da ta
CP
t
VDD
VSS
VDD
VSS
VDD
VSS
Figure 21. Data Input Timing
AC ELECTRICAL CHARACTERISTICS
VDD =5V
±5% TA = 0 to +70 °C unless otherwise specified.
t
t
t
INPUT
OUTPUT
90%
90%
10% 10%
IF
IR
t
90%
90%
10%
10%
OR
OF
5V
0V
3.2V
0.1V
Figure 22. Input/Output Rise & Fall Times
Test Conditions MCLK frequency = 40MHz, T = +25
°C.
17/28
W.A.R.P.2.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com