Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STFLWARP20 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STFLWARP20
Description  8-BIT FUZZY CO-PROCESSOR
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STFLWARP20 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STFLWARP20 Datasheet HTML 2Page - STMicroelectronics STFLWARP20 Datasheet HTML 3Page - STMicroelectronics STFLWARP20 Datasheet HTML 4Page - STMicroelectronics STFLWARP20 Datasheet HTML 5Page - STMicroelectronics STFLWARP20 Datasheet HTML 6Page - STMicroelectronics STFLWARP20 Datasheet HTML 7Page - STMicroelectronics STFLWARP20 Datasheet HTML 8Page - STMicroelectronics STFLWARP20 Datasheet HTML 9Page - STMicroelectronics STFLWARP20 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
FUNCTIONAL DESCRIPTION
W.A.R.P.2.0 works in two mode depending on the
OFL control signal level (see table 3) :
Off-line MODE (OFL High)
On-line MODE (OFL Low)
OFF-LINE MODE
All W.A.R.P. memories are loaded during the Off-
Line phase. The membership functions are written
inside their related memories and the process con-
trol rules are loaded inside the PCM.
The addresses of the words to be written in the
memories, are internally generated while the ad-
dresses of the external memory locations to be
read are directly provided by W.A.R.P.2.0 by means
of O0-O11 output pins.
Data must be loaded 8 bit a time in the data bus
and can be read from an external non volatile
memory or loaded by an host processor.
The Off-Line phase can be performed automat-
ically (see figure 4) or manually (see figure 5).
When the auto-boot is chosen (AUTO = High) it is
possible to configure the reading access time of the
external memory. The auto-boot end is indicated by
the ENDOFL signal.
The downloading phase requires:
F*NWordsDatabase clock pulses,
where F is 16 or 32 (see table 2).
NWordsDatabase is the number of words stored in
the boot-memory (see register bench description,
table 5).
When the manual-boot is chosen (AUTO = Low)
data have to be provided by using the handshaking
signals (RD/READY). In this way it is possible to
update only a portion of the database or change the
processor configuration.
The time required from the manual boot depends
on the efficiency of the communication handled
with the handshaking signals.
W.A.R.P.2.0
BOOT
MEMORY
OFL
AUTO
HH
ENDOFL
I0-I7
O0-O11
SIS0-SIS2
Auto-Boot Enable
AUTO=HIGH
Off-line Phase Enable
OFL=HIGH
OFFLINE PHASE ENDS
ENDOFL=HIGH
External Memory
Access Time SETTING
SIS0-SIS2=LowLow...
Downloading From
External Memory
Figure 4. Off-Line phase: Auto-Boot
Manual-Boot Enable
AUTO=LOW
Off-line Phase Enable
OFL=HIGH
OFFLINE PHASE ENDS
Downloading with
Handshaking Signals
RD/READY
W.A.R.P.2.0
BOOT
MEMORY
OFL
AUTO
LH
READY
I0-I7
O0-O11
RD
Figure 5. Off-Line Phase: Slave Downloading
6/28
W.A.R.P.2.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com