Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STFLWARP20 Datasheet(PDF) 20 Page - STMicroelectronics

Part # STFLWARP20
Description  8-BIT FUZZY CO-PROCESSOR
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STFLWARP20 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STFLWARP20 Datasheet HTML 16Page - STMicroelectronics STFLWARP20 Datasheet HTML 17Page - STMicroelectronics STFLWARP20 Datasheet HTML 18Page - STMicroelectronics STFLWARP20 Datasheet HTML 19Page - STMicroelectronics STFLWARP20 Datasheet HTML 20Page - STMicroelectronics STFLWARP20 Datasheet HTML 21Page - STMicroelectronics STFLWARP20 Datasheet HTML 22Page - STMicroelectronics STFLWARP20 Datasheet HTML 23Page - STMicroelectronics STFLWARP20 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
Symbol
Mode
Parameter
Min
Typ
Max
Unit
T1
On-Line
Slave
OFL Low
to first RD High
3
Clock
Pulses
T2
On-Line
Slave
RD High
to READY High
2
Clock
Pulses
T3
On-Line
Slave
READY High
to next RD High
5
Clock
Pulses
T4
On-Line
Slave
Last RD High
to BUSY High
10
Clock
Pulses
T5
(1)
On-Line
Slave
BUSY High
to first Output Ready
64
Clock
Pulses
T6
On-Line
Slave
Elaboration
Time
see fig.6
Clock
Pulses
T7
On-Line
Slave
Wait Low
to next Output Valid
32
Clock
Pulses
T8
On-Line
Slave
DS Pulse Width
5
Clock
Pulses
T9
On-Line
Slave
LAST DS Pulse Width
1
Clock
Pulses
Table 12. On-Line Slave Timing Parameters
ON-LINE SLAVE PHASE TIMING
Note 1. T7 depends on the number of rules related to the current output variable. Each output variable needs at least
two rules and each rule requires 32 clock pulses.
WAIT
OFL
DS
O0-O7
LASTIN
BUSY
RD
I0-I7
SIS0-SIS2
READY
OUT 0
OUT 1
OUT N-1
OUT N
INP 0
INP 1
INP N-1
INP N
ADDR 0
ADDR 1
ADDR N-1
ADDR N
T
1
T
2
T
3
T
4
T
5
T
7
T
6
T
8
T
8
T
9
20/28
W.A.R.P.2.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com