Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STFLWARP20 Datasheet(PDF) 16 Page - STMicroelectronics

Part # STFLWARP20
Description  8-BIT FUZZY CO-PROCESSOR
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STFLWARP20 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STFLWARP20 Datasheet HTML 12Page - STMicroelectronics STFLWARP20 Datasheet HTML 13Page - STMicroelectronics STFLWARP20 Datasheet HTML 14Page - STMicroelectronics STFLWARP20 Datasheet HTML 15Page - STMicroelectronics STFLWARP20 Datasheet HTML 16Page - STMicroelectronics STFLWARP20 Datasheet HTML 17Page - STMicroelectronics STFLWARP20 Datasheet HTML 18Page - STMicroelectronics STFLWARP20 Datasheet HTML 19Page - STMicroelectronics STFLWARP20 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
DEVICE
OUTPUT
C
OUT
V
SS
CONTROL SIGNAL
Figure 17. Equivalent Tristate Output Circuit (1)
DEVICE
O UTPUT
C
OUT
V
SS
Figure 18. Equivalent Output Circuit (1)
Note: 1. Only O0-O11 pins.
Note: 1. All output pins except for O0-O11.
Note: 1. Only O0-O11pins.
Note: 1. All output pins except for O0-O11.
Symbol
Parameters
Test Conditions
Min
Typ
Max
Unit
CIN
Input
Capacitance
VI =0V
f = 1.0 MHz
15
pF
COUT
Output
Capacitance
VO = 0V
f = 1.0 MHz
15
pF
RS
Stray Resistor
20
Ohm
RPD
Pull Down
Resistor
VI =2V, VDD =5V
VI = 0.8V, VDD =5V
16K
13.6K
Ohm
Table 8. Equivalent Circuit Parameters
C
L
D.U.T.
R
L1
VS S
D EVICE
O UT PUT
INCLUDING
PR O BE
CA PACITANC E
VDD
R
L2
V
DD
V
DD
Figure 19. AC Test Circuit (1)
C
L
R
L
D.U.T.
VSS
DEVICE
O UTPUT
INCLUDING
PRO BE
CAPACITANCE
Figure 20. AC Test Circuit (1)
16/28
W.A.R.P.2.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com