Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STFLWARP20 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STFLWARP20
Description  8-BIT FUZZY CO-PROCESSOR
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STFLWARP20 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STFLWARP20 Datasheet HTML 9Page - STMicroelectronics STFLWARP20 Datasheet HTML 10Page - STMicroelectronics STFLWARP20 Datasheet HTML 11Page - STMicroelectronics STFLWARP20 Datasheet HTML 12Page - STMicroelectronics STFLWARP20 Datasheet HTML 13Page - STMicroelectronics STFLWARP20 Datasheet HTML 14Page - STMicroelectronics STFLWARP20 Datasheet HTML 15Page - STMicroelectronics STFLWARP20 Datasheet HTML 16Page - STMicroelectronics STFLWARP20 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
Register Name
Resolution
Function
Handshaking Signal Polarity
(ONLY during the On-Line Phase)
8
0 active Low, 1 active High (default)
bit 0 READY
bit 1 RD
bit 2 WAIT
bit 3 DS
bit 4 BUSY
bit 5 LASTIN
bit 6 not connected
bit 7 START CONVERSION
Number of Inputs - 1
3
000-111 = 1 to 8 Inputs
Number of Outputs - 1
2
00 - 11 = 1 to 4 Outputs
Antecedent Memory Configuration
1
0 = 8 Inputs, 8 MFs per Input
1 = 4 Inputs, 16 MFs per Input
A/D Conversion Pulse Width
3
see table 4
On-Line Phase Master/Slave
1
0 = Slave Functioning
1 = Master Functioning
Number of Words to load from
the External Memory
12
0000000000000-100110000100
from 0 to 2436 words to read
Note: These Registers are configurable by means of the FUZZYSTUDIO
™ 2.0.
Table 5. Register Bench Description.
READY
RD
WAIT
DS
BUSY
LASTIN
START C ONVERSION (O11)
High
High
High
High
High
High
High
Table 6. Default Active Handshaking Signal Polarity
Note: Default polarities are used in the following timing diagrams
13/28
W.A.R.P.2.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com