Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC510CPF Datasheet(PDF) 6 Page - TelCom Semiconductor, Inc

Part # TC510CPF
Description  PRECISION ANALOG FRONT ENDS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC510CPF Datasheet(HTML) 6 Page - TelCom Semiconductor, Inc

Back Button TC510CPF Datasheet HTML 2Page - TelCom Semiconductor, Inc TC510CPF Datasheet HTML 3Page - TelCom Semiconductor, Inc TC510CPF Datasheet HTML 4Page - TelCom Semiconductor, Inc TC510CPF Datasheet HTML 5Page - TelCom Semiconductor, Inc TC510CPF Datasheet HTML 6Page - TelCom Semiconductor, Inc TC510CPF Datasheet HTML 7Page - TelCom Semiconductor, Inc TC510CPF Datasheet HTML 8Page - TelCom Semiconductor, Inc TC510CPF Datasheet HTML 9Page - TelCom Semiconductor, Inc TC510CPF Datasheet HTML 10Page - TelCom Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
3-24
TELCOM SEMICONDUCTOR, INC.
Figure 2. Basic Dual-Slope Converter
PHASE
CONTROL
COMPARATOR
INTEGRATOR
CINT
ANALOG
INPUT
(VIN)
SWITCH DRIVER
REF
VOLTAGE
CONTROL
LOGIC
POLARITY
CONTROL
S1
I/O
TIMER
COUNTER
ROM
RAM
MICROCOMPUTER
AB
CMPTR OUT
VSUPPLY
±
TINT
TC510
VINT
VIN
VFULL SCALE
VIN
1/2 VFULL SCALE
TDEINT
–
+
RINT
VINT
–
+
PIN DESCRIPTION (Cont.)
Pin No
Pin No
Pin No
(TC500/A)
(TC510)
(TC514)
Symbol
Description
10
CH4–
Negative analog input pin. MUX channel 4
20
A0
Multiplexer input channel select input LSB. (See A1).
19
A1
Multiplexer input channel select input MSB.
00 = Channel 1
Phase control input pins: A1, A0 =
01 = Channel 2
10 = Channel 3
11 = Channel 4
GENERAL THEORY OF OPERATION
Dual-Slope Conversion Principles (Figure 2)
Actual data conversion is accomplished in two phases:
input signal Integration and reference voltage Deintegration.
The integrator output is initialized to 0V prior to the start
of Integration. During Integration, analog switch S1 con-
nects VIN to the integrator input where it is maintained for a
fixed time period (tINT). The application of VIN causes the
integrator output to depart 0V at a rate determined by the
magnitude of VIN, and a direction determined by the polarity
of VIN. The Deintegration phase is initiated immediately at
the expiration of tINT.
During Deintegration, S1 connects a reference voltage
(having a polarity opposite that of VIN) to the integrator input.
At the same time, an external precision timer is started. The
Deintegration phase is maintained until the comparator
output changes state, indicating the integrator has returned
to its starting point of 0V. When this occurs, the precision
timer is stopped. The Deintegration time period (tDEINT), as
measured by the precision timer, is directly proportional to
the magnitude of the applied input voltage.
A simple mathematical equation relates the Input
Signal, Reference Voltage and Integration time:
PRECISION ANALOG FRONT ENDS
TC500
TC500A
TC510
TC514



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com