Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC510CPF Datasheet(PDF) 7 Page - TelCom Semiconductor, Inc

Part # TC510CPF
Description  PRECISION ANALOG FRONT ENDS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC510CPF Datasheet(HTML) 7 Page - TelCom Semiconductor, Inc

Back Button TC510CPF Datasheet HTML 3Page - TelCom Semiconductor, Inc TC510CPF Datasheet HTML 4Page - TelCom Semiconductor, Inc TC510CPF Datasheet HTML 5Page - TelCom Semiconductor, Inc TC510CPF Datasheet HTML 6Page - TelCom Semiconductor, Inc TC510CPF Datasheet HTML 7Page - TelCom Semiconductor, Inc TC510CPF Datasheet HTML 8Page - TelCom Semiconductor, Inc TC510CPF Datasheet HTML 9Page - TelCom Semiconductor, Inc TC510CPF Datasheet HTML 10Page - TelCom Semiconductor, Inc TC510CPF Datasheet HTML 11Page - TelCom Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
3-25
TELCOM SEMICONDUCTOR, INC.
7
6
5
4
3
1
2
8
∫
0.01
0.1
1.0
80
70
60
50
40
30
20
t = 0.1 sec
LINE FREQUENCY DEVIATION FROM 60 Hz (%)
NORMAL
MODE
REJECTION
= 20 LOG
DEV = DEVIATION FROM 60 Hz
t = INTEGRATION PERIOD
SIN 60
t (1
±
)
π
DEV
100
DEV
100
60 t (1
±
)
Figure 3. Line Frequency Deviation
Figure 4.. Integrating Converter Normal Mode Rejection
30
20
10
0
0.1/T
1/T
10/T
INPUT FREQUENCY
T = MEASUREMENT
PERIOD
1
tINT
VIN (t) dt =
VREF tDEINT
RINT CINT
0
RINT CINT
where:
VREF = Reference Voltage
tINT
= Signal Integration time (fixed)
tDEINT = Reference Voltage Integration time (variable)
For a constant VIN:
VIN = VREF
tDEINT
tINT
The dual-slope converter accuracy is unrelated to the
integrating resistor and capacitor values as long as they are
stable during a measurement cycle.
An inherent benefit is noise immunity. Input noise spikes
are integrated (averaged to zero) during the integration
periods. Integrating ADCs are immune to the large conver-
sion errors that plague successive approximation convert-
ers in high-noise environments.
Integrating converters provide inherent noise rejection
with at least a 20dB/decade attenuation rate. Interference
signals with frequencies at integral multiples of the integra-
tion period are, theoretically, completely removed since the
average value of a sine wave of frequency (1/t) averaged
over a period (t) is zero.
Integrating converters often establish the integration
period to reject 50/60Hz line frequency interference signals.
The ability to reject such signals is shown by a normal mode
rejection plot (Figure 4). Normal mode rejection is limited in
practice to 50 to 65dB, since the line frequency can deviate
by a few tenths of a percent (Figure 3).
TC500/500A/510/514 CONVERTER OPERATION
The TC500/500A/510/514 incorporates an Auto zero
and Integrator phase in addition to the input signal Integrate
and reference Deintegrate phases. The addition of these
phases reduce system errors and calibration steps, and
shorten overrange recovery time. A typical measurement
cycle uses all four phases in the following order:
(1) Auto zero
(2) Input signal integration
(3) Reference deintegration
(4) Integrator output zero
The internal analog switch status for each of these
phases is summarized in Table 1. This table is referenced
to the
Functional Block Diagram on the first page of this data
sheet.
Auto-Zero Phase (AZ)
During this phase, errors due to buffer, integrator and
comparator offset voltages are nulled out by charging CAZ
(auto-zero capacitor) with a compensating error voltage.
The external input signal is disconnected from the
internal circuitry by opening the two SWI switches. The
internal input points connect to analog common. The refer-
ence capacitor is charged to the reference voltage potential
through SWR. A feedback loop, closed around the integrator
and comparator, charges the CAZ capacitor with a voltage to
compensate for buffer amplifier, integrator and comparator
offset voltages.
PRECISION ANALOG FRONT ENDS
TC500
TC500A
TC510
TC514



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com