Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC510CPF Datasheet(PDF) 9 Page - TelCom Semiconductor, Inc

Part # TC510CPF
Description  PRECISION ANALOG FRONT ENDS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC510CPF Datasheet(HTML) 9 Page - TelCom Semiconductor, Inc

Back Button TC510CPF Datasheet HTML 5Page - TelCom Semiconductor, Inc TC510CPF Datasheet HTML 6Page - TelCom Semiconductor, Inc TC510CPF Datasheet HTML 7Page - TelCom Semiconductor, Inc TC510CPF Datasheet HTML 8Page - TelCom Semiconductor, Inc TC510CPF Datasheet HTML 9Page - TelCom Semiconductor, Inc TC510CPF Datasheet HTML 10Page - TelCom Semiconductor, Inc TC510CPF Datasheet HTML 11Page - TelCom Semiconductor, Inc TC510CPF Datasheet HTML 12Page - TelCom Semiconductor, Inc TC510CPF Datasheet HTML 13Page - TelCom Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
3-27
TELCOM SEMICONDUCTOR, INC.
7
6
5
4
3
1
2
8
Figure 5. Comparator Output
INTEGRATOR
OUTPUT
ZERO
CROSSING
COMPARATOR
OUTPUT
REFERENCE
DEINTEGRATE
SIGNAL
INTEGRATE
INTEGRATOR
OUTPUT
ZERO
CROSSING
COMPARATOR
OUTPUT
REFERENCE
DEINTEGRATE
SIGNAL
INTEGRATE
B. Negative Input Signal
A. Positive Input Signal
Comparator Output
By monitoring the comparator output during the fixed
signal integrate time, the input signal polarity can be deter-
mined by the microprocessor controlling the conversion.
The comparator output is HIGH for positive signals and LOW
for negative signals during the signal-integrate phase (see
timing diagram).
During the reference deintegrate phase, the comparator
output will make a HIGH-to-LOW transition as the integrator
output ramp crosses zero. The transition is used to signal the
processor that the conversion is complete.
The internal comparator delay is 2
µsec, typically. Figure
5 shows the comparator output for large positive and nega-
tive signal inputs. For signal inputs at or near zero volts,
however, the integrator swing is very small. If common-
mode noise is present, the comparator can switch several
times during the beginning of the signal-integrate period. To
ensure that the polarity reading is correct, the comparator
output should be read and stored at the end of the signal
integrate phase.
The comparator output is undefined during the Auto-
Zero Phase and is used to time the Integrator Output Zero
phase. (See
Integrator Output Zero Phase of System Timing
section).
PRECISION ANALOG FRONT ENDS
TC500
TC500A
TC510
TC514



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com